PART |
Description |
Maker |
BD9300FV-E2 |
Single-output Step-up, Negative Voltage, Step-down Switching Regulators (Controller type)
|
ROHM
|
LTC3703 LT3845 LT3844 LTC1778 LTC3703-5 LTC3850 LT |
Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start Dual, 2-Phase Step-Down Switching Controller; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C 0.5 A DUAL SWITCHING CONTROLLER, 560 kHz SWITCHING FREQ-MAX, PQCC24
|
Linear Technology, Corp.
|
L6997D L6997DTR 9219 L6997 |
STEP DOWN CONTROLLER FOR LOW VOLTAGES OPERATIONS STEP DOWN CONTROLLER FOR LOW VOLTAGE OPERATIONS From old datasheet system
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
MAX16993AGJC/VYCS MAX16993AGJC/VYGA MAX16993AGJC/V |
Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
|
MAXIM - Dallas Semiconductor
|
MAX1771 MAX1771C_D MAX1771CPA MAX1771CSA MAX1771EP |
12V or Adjustable, High-Efficiency, Low I Q , Step-Up DC-DC Controller 12V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controller SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, UUC8
|
MAXIM - Dallas Semiconductor http:// Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC3834 LTC3834EFE-PBF LTC3834EFE-TRPBF LTC3834EUF |
30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30µA IQ Synchronous Step-Down Controller; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PQCC20 30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30μA IQ Synchronous Step-Down Controller 30楼矛A IQ Synchronous Step-Down Controller
|
Linear Technology, Corp.
|
ISL6548ACRZ-T ISL6548ACRZA ISL6548ACRZA-T ISL6548A |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-PDIP 0 to 70 500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SO 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
LTC3719 LTC3719EG |
2-Phase, High Efficiency, Step-Down Controller for AMD Opteron CPUs 2-Phase, High Efficiency, Step-Down Controller for AMD OpteronCPUs
|
Linear Technology
|
5962-89731013A 5962-89731023A 5962-8973102LA 5962- |
Low-Voltage, Precision Step-Down Controller for Portable CPU Power High-Speed Step-Down Controller with Synchronous Rectification for CPU Power 位总线收发 Single 8-bit Bus Transceiver 8位总线收发 Single 8-bit Bus Transceiver 位总线收发
|
Nihon Inter Electronics, Corp. Honeywell International, Inc.
|
MAX1858EEG MAX1858 |
Dual 180 Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180° Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR Dual 180∑ Out-of-Phase PWM Step-Down Controller with Power Sequencing and POR From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|