PART |
Description |
Maker |
AT49LV080 AT49LV080- AT49LV080T AT49LV080T-12CC AT |
LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO44 8-Megabit 1M x 8 Single 2.7-volt Battery-Voltage Flash Memory 1M X 8 FLASH 3V PROM, 200 ns, PDSO44 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PBGA42 LM4671 Filterless High Efficiency 2.5W Switching Audio Amplifier; Package: MICRO SMD; No of Pins: 9 1M X 8 FLASH 2.7V PROM, 200 ns, PDSO40 LM4673 Filterless, 2.65W, Mono, Class D Audio Power Amplifier; Package: LLP; No of Pins: 8 IGBT Chips; Package: --; Technology: IGBT 3; VDS (max): 1,200.0 V; IC (max): 15.0 A; VCE(sat) (max): 2.1 V; VGE(th) (min): 5.0 V; LM4920 Boomer ® Audio Power Amplifier Series Ground-Referenced, Ultra Low Noise, Fixed Gain, 80mW Stereo Headphone Amplifier; Package: MICRO SMD; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: TSSOP; No of Pins: 14 LM4917 Boomer ® Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier; Package: LLP; No of Pins: 14 LM4674A Boomer ® Audio Power Amplifier Series Filterless 2.5W Stereo Class D Audio Power Amplifier; Package: MICRO SMD; No of Pins: 16
|
Micron Technology, Inc. Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
TLV320ALC31 |
LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
|
http://
|
MAX9718DETB |
Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers 1.4 W, 1 CHANNEL, AUDIO AMPLIFIER, DSO10
|
Maxim Integrated Products, Inc.
|
WM8961 WM8961GEFL/RV WM8961GEFL/V |
Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
|
Wolfson Microelectronics plc
|
BS616LV4015EI BS616LV4015 BS616LV4015AC BS616LV401 |
LM4992 Boomer ® Audio Power Amplifier Series 420mW Stereo Cell Phone Audio Amplifier; Package: LLP; No of Pins: 14 LM4992 Boomer ® Audio Power Amplifier Series 420mW Stereo Cell Phone Audio Amplifier; Package: LLP; No of Pins: 14 Very Low Power/Voltage CMOS SRAM 256K X 16 bit
|
BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
UDA1344 UDA1344TS |
Low-voltage low-power stereo audio CODEC with DSP features
|
NXP Semiconductors Philips Semiconductors
|
UDA1360TS UDA1360 |
Low-voltage low-power stereo audio ADC 低电压低功耗立体声音频ADC
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors] http://
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
ES8155 |
Low Power Stereo Audio DAC With Headphone Amplifier
|
Suzhou Everest Semicond...
|
STW5098 STW5098BBLF STW5098BBLR STW5098BBLT STW509 |
Dual low power asynchronous stereo audio Codec with integrated power amplifiers
|
STMicroelectronics
|