PART |
Description |
Maker |
UPD23C32380GZ-MJH UPD23C32340GZ-MJH UPD23C32340F9- |
32M-BIT MASK-PROGRAMMABLE ROM 4M-WORD BY 8-BIT (BYTE MODE) / 2M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE 32兆位掩膜可编程ROM的分位(字节模式 200万字6位(字模式)页面访问模式 CAP 3PF 16V /-0.1PF THIN-FILM SN90/PB10/NI 30PPM TR-7-PA
|
http:// NEC, Corp. NEC Corp.
|
SI-8100QL SI-8105QL |
Current Mode Control Step-down Switching Mode Regulator ICs
|
Sanken electric
|
AA-1280-2 |
compact, single phase, device with very good common mode and differential mode insertion loss
|
JMK Inc.
|
ET2825-025 |
Switch mode/High Frequency Common Mode Inductors
|
TRIAD MAGNETICS
|
UPD23C16380GZ-XXX-MJH UPD23C16340 UPD23C16340F9-BC |
16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
|
NEC[NEC]
|
A64S06162AG-70UF A64S06162A A64S06162A-70U A64S061 |
16M(1M x 16bit) Normal mode & Page mode with Deep Power Down Static Random Access Memory
|
AMIC Technology Corporation AMICC[AMIC Technology]
|
NCP1249C |
High-Voltage Current-Mode PWM Controller Featuring Peak Power Excursion and Self-Relaxing Off Mode
|
ON Semiconductor
|
SC16C852LIET SC16C852LIB |
1.8 V dual UART, 5 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA) and 16 mode or 68 mode bus interface
|
NXP Semiconductors
|
LD1490-C010 |
Lasing Mode: single longitudinal mode Peak Wavelength : typ. 1490 nm Optiacl Ouput Power: 10 mW, CW Package: 5.6 mm, flat window
|
Roithner LaserTechnik G...
|