PART |
Description |
Maker |
42094 42094-005 42094-012 42094-015 42094-018 4209 |
Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; Number of Contacts:56; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:25-46 Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-4 POSITIVE HIGH TEMPERATURE REGULATOR
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
IT38 IT615 IT210A IT310 IT610 IT610A IT610B IT610H |
600 V, 10 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB ISOTAB TRIACS ELECTRICALLY ISOLATED GT 14C 12#8 2#16 PIN PLUG Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:28; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight GT 4C 4#0 SKT PLUG RHEOSTAT 1.5K OHM 12.5W RHEOSTAT 6.0 OHM 12.5W GT 48C 48#16 SKT PLUG GT 14C 12#8 2#16 SKT PLUG Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:35; Connector Shell Size:40; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
500027-3042 |
0.4 B/B Plug MoldLock30CktEmbsTpPkg 30 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, PLUG
|
Molex, Inc.
|
2730 2730-Z-4810-A-001500 2730-Z-4810-A-002500 273 |
2.5A, 250VAC, MALE, MAINS POWER CONNECTOR, PLUG ROHS COMPLIANT Interconnection Cord with IEC Plug C, Straight
|
SCHURTER AG Schurter Inc.
|
71475-1001 |
LFH Vert Plug I/O Assembly 80Ckt 80 CONTACT(S), MALE, STRAIGHT TELECOM AND DATACOM CONNECTOR, SOLDER, PLUG
|
Molex, Inc.
|
PS2506 PS2506-1 PS2506-2 PS2506-4 PS2506L-1 PS2506 |
PT 61C 61#20 PIN PLUG Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT06; Number of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:61; Connector Shell Size:24; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:24-61 HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
|
NEC Corp. NEC[NEC]
|
53481-1879 |
0.635 BtB ST Plug Hsg Assy180CktStickPkg 180 CONTACT(S), MALE, STRAIGHT BOARD STACKING CONNECTOR, SURFACE MOUNT, PLUG
|
Molex, Inc.
|
HL8608V-NA HL8608V-A HL8606V-NU HL8605V-SU HL8605F |
16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG ROHS COMPLIANT 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG
|
Foxconn Technology Co., Ltd. HON HAI PRECISION INDUSTRY CO LTD
|
502430-5010 502430-3210 |
0.4 B/B Plug Assy 50Ckt EmbsTp Pkg 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG 0.4 B/B Plug Assy 32Ckt EmbsTp Pkg 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, PLUG
|
Molex, Inc.
|
|