PART |
Description |
Maker |
HT46R73D-3 |
Dual Slope A/D Type 8-Bit OTP MCU with LCD
|
Holtek Semiconductor Inc
|
HI7133CM44 HARRISSEMICONDUCTOR-HI7131CM44 |
3 1/2 Digit, Low Power, High CMRR, LCD/LED Display-Type A/D Converters 1-CH 3-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PQFP44
|
Intersil, Corp.
|
E0C62M2 |
CMOS 4-Bit Single Chip Microcomputer Composed of Core CPU E0C6200A,Dual Slope Type A/D Converter,SVD Circuit,LCD Driver(4位CMOS单片微型计算机(含E0C6200A中央处理器核
|
爱普生(中国)有限公
|
HT46R73D-1 |
Dual Slope A/D Type MCU with LCD
|
HOLTEK[Holtek Semiconductor Inc]
|
D1175KH |
1-CH 22-BIT DUAL-SLOPE ADC, PARALLEL ACCESS
|
ANALOG DEVICES INC
|
M27V201 M27V201-100B1TR M27V201-100B6TR M27V201-10 |
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-TSSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TSSOP -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TVSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 Fuse Holder; Mounting Type:PC Board; For Use With:PC Board Fuses; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating, AC:250V; Voltage Rating, DC:450V; Accessory Type:Mounting Socket 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TVSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TSSOP -40 to 85 16 Mbit 2Mb x8 or 1Mb x16 Low Voltage UV EPROM and OTP EPROM NND - 2 MBIT (256KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
HT46R52A09 HT46R51A09 |
A/D Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT46R14A |
A/D Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HT82M75R1011 HT82M75RE HT82K75R |
I/O Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc Holtek Semiconductor In...
|
HT82K70E-L HT82K76E-L |
I/O Type 8-Bit OTP MCU
|
Holtek Semiconductor Inc
|
HA0102E HA0004E HA0005E HT46R14 HA0011E HA0013E |
A/D Type 8-Bit OTP MCU
|
HOLTEK[Holtek Semiconductor Inc]
|
HT45R36 |
C/R TO F TYPE 8-BIT OTP MCU
|
Holtek Semiconductor Inc
|