PART |
Description |
Maker |
BD675 BD679A BD677A BD677 ON0196 BD675A BD679 BD67 |
From old datasheet system 4.0 AMPERE POWER TRANSISTORS Plastic Medium-Power Silicon NPN Darlingtons DARLINGTON POWER TRANSISTORS NPN SILICON
|
MOTOROLA[Motorola, Inc] ON Semiconductor Motorola Inc Motorola, Inc.
|
MJW16110 MJ16110 ON1988 |
POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS 15 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system NPN Silicon Power Transistors
|
Motorola Mobility Holdings, Inc. http:// MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
MJ16010 MJ16012 MJW16012 MJW16010 ON1985 |
15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-204AA 15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE NPN SILICON POWER TRANSISTORS 15 A, 450 V, NPN, Si, POWER TRANSISTOR, TO-247AE From old datasheet system
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
BC818-16 BC818-25 BC818-40 Q62702-C1740 Q62702-C15 |
NPN Silicon AF Transistors 500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistors BC 817 From old datasheet system
|
Diotec Semiconductor AG SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group] Siemens Semiconductor G...
|
2N6388 2N6387 |
DARLINGTON NPN SILICON POWER TRANSISTORS Plastic Medium-Power Silicon Transistors
|
ONSEMI[ON Semiconductor]
|
BUX48A BUV48A BUV48AFI BUX48 |
HIGH POWER NPN SILICON TRANSISTORS RP Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 1W; Pot-Core Transformer - separated HIGH POWER NPN SILICON TRANSISTORS
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
BUX48 BUX48A |
SWITCHMODE II Series NPN Silicon Power Transistors SITCHMODE II Series NPN Silicon Power Transistors
|
Motorola Inc MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
2SA2044 2SC5710 2SA2044FA 2SC5710TP-FA |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 9A I(C) | TO-252VAR DC / DC Converter Applications PNP/NPN Epitaxial Planar Silicon Transistors PNP / NPN Epitaxial Planar Silicon Transistors PNP Epitaxial Planar Silicon Transistors DC/DC Converter Applications
|
SANYO[Sanyo Semicon Device] Matsshita / Panasonic
|
2SB1121 2SD1621 2SD1621U 2SB1121R |
NPN Epitaxial Planar Silicon Transistors High-Current Driver Applications PNP/NPN Epitaxial Planar Silicon Transistors Low-Power, Single/Dual-Level Battery Monitors with Hysteresis 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Sanyo Hitachi,Ltd.
|
2N3716 2N3715 ON0040 |
Slllcon NPN Power Translstors 10 AMPERE POWER TRANSISTORS SILICON NPN 60.80 VOLTS 150 WATTS From old datasheet system
|
Motorola Inc ON Semi MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|