PART |
Description |
Maker |
IDT71V256S IDT71V256SA15TP IDT71V256SA15PZI IDT71V |
LOW POWER 3.3V CMOS FAST SRAM 256K (32K x 8-BIT) 32K X 8 CACHE SRAM, 12 ns, PDSO28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
W24256 W24256-70 W24256-70L W24256-70LL W24256Q-70 |
32K X 8 CMOS STATIC RAM From old datasheet system BOX 3.05X1.51X1.05 W/2 BTNS GRY 32K X 8 STANDARD SRAM, 70 ns, PDSO28 32K X 8 CMOS STATIC RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28
|
http:// WINBOND[Winbond] Winbond Electronics, Corp.
|
W24258S-70LE W24258S-70LI W24258-70LE W24258-70LI |
32K X 8 CMOS STATIC RAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 From old datasheet system 32K ′ 8 CMOS STATIC RAM
|
Winbond Electronics, Corp. WINBOND[Winbond]
|
W24258S-70LL W24258-70LL W24258Q-55LL W24258Q-70LL |
32K X 8 CMOS STATIC RAM 32K X 8 STANDARD SRAM, 70 ns, PDSO28 32K X 8 CMOS STATIC RAM 32K X 8 STANDARD SRAM, 55 ns, PDSO28 From old datasheet system 32K ′ 8 CMOS STATIC RAM
|
Winbond Electronics, Corp. WINBOND[Winbond]
|
IS62LV256L IS62LV256L-20JI IS62LV256L-20J IS62LV25 |
32K x 8 LOW VOLTAGE CMOS STATIC RAM 32K X 8 STANDARD SRAM, 20 ns, PDSO28 32K x 8 LOW VOLTAGE CMOS STATIC RAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28
|
Integrated Silicon Solution, Inc. ISSI[Integrated Silicon Solution, Inc] ISSI[Integrated Silicon Solution Inc]
|
CY7C178-10NC CY7C178-12JC CY7C178-8NC CY7C178 CY7C |
16-Bit Level Shifting Transceiver 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 10 ns, PQCC52 32K x 18 Synchronous Cache RAM 32K的18同步高速缓存内 32K x 18 Synchronous Cache RAM 32K X 18 CACHE SRAM, 8.5 ns, PQFP52 IC DRVR UNIV 20BIT 3ST 56-TSSOP 18-Bit Universal Bus Driver, LE/
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT71256 IDT71256L IDT71256L100D IDT71256L100DB ID |
Precision Adjustable (Programmable) Shunt Reference 8-CDIP -55 to 125 的CMOS静态RAM 256K2K的8位) Dual Pulse-Width-Modulation Control Circuit 16-SSOP 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 25 ns, CDIP28 Single UART with 16-Byte FIFOs and Auto Flow Control 44-PLCC 0 to 70 的CMOS静态RAM 256K2K的8位) CABLE SMA/SMA 36 RG-142 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 120 ns, CDIP28 Dual-Channel Pulse-Width-Modulation (PWM) Control Circuit 16-SSOP -20 to 85 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 的CMOS静态RAM 256K2K的8位) CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDSO28 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 30 ns, PDIP28 Replaced by TL16C550C : Single UART with 16-Byte FIFO 40-PDIP 0 to 70 Single UART with 16-Byte FIFOs and Auto Flow Control 48-LQFP 0 to 70 1.8-V to 5-V Dual UART with 16-Byte FIFOs 48-TQFP 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFO 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC 0 to 70 Replaced by TL16C550C : Single UART with 16-Byte FIFOs 44-PLCC -40 to 85 Quad Pulse-Width-Modulation Control Circuit 48-LQFP -20 to 75 CMOS Static RAM 256k ( 32k X 8-bit )
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
IDT71256SA15PZ IDT71256SA IDT71256SA20PZ IDT71256S |
CMOS STATIC RAM 256K (32K x 8-BIT) Asynchronous Communications Element With Autoflow Control 48-LQFP -40 to 85 CMOS STATIC RAM 256K (32K x 8-BIT) 32K X 8 STANDARD SRAM, 12 ns, PDSO28 Asynchronous Communications Element With Autoflow Control 48-TQFP 0 to 70 32K X 8 STANDARD SRAM, 25 ns, PDSO28
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
MT5C2568F-20_883C MT5C2568CW-100_883C AS5C2568C-35 |
32K x 8 SRAM SRAM MEMORY ARRAY 32K X 8 STANDARD SRAM, 25 ns, CQCC32 CERAMIC, LCC-32 32K X 8 STANDARD SRAM, 20 ns, CQCC32 CERAMIC, LCC-32 32K X 8 STANDARD SRAM, 17 ns, CDFP28 CERAMIC, DFP-28 32K X 8 STANDARD SRAM, 55 ns, CDFP28 CERAMIC, DFP-28 32K X 8 STANDARD SRAM, 25 ns, CDFP28 CERAMIC, DFP-28 32K X 8 STANDARD SRAM, 70 ns, CQCC32 CERAMIC, LCC-32 32K X 8 STANDARD SRAM, 35 ns, CDFP28 CERAMIC, DFP-28 32K X 8 STANDARD SRAM, 15 ns, CDFP28 CERAMIC, DFP-28 32K X 8 STANDARD SRAM, 35 ns, CDIP28 32K X 8 STANDARD SRAM, 17 ns, CQCC32 32K X 8 STANDARD SRAM, 45 ns, CDFP28
|
http:// Austin Semiconductor, Inc Micross Components AUSTIN SEMICONDUCTOR INC
|