PART |
Description |
Maker |
APTM20UM04SAG |
Single Switch Series And Parallel Diodes
|
Microsemi
|
APTM100UM65SCAVG |
Single Switch Series And Parallel Diodes
|
Microsemi
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
C167CR-16RM SAB-C167CR-16RM SAF-C167CR-16RM SAK-C1 |
16-Bit CMOS Single-Chip Microcontrollers HT Series Hi-Temperature Basic Switch, Single Pole Double Throw Circuitry, 2 A at 250 Vac, Roller Lever Actuator, Screw Termination
|
SIEMENS AG
|
APTM50AM38SCTG |
Phase leg Series & SiC parallel diodes MOSFET Power Module
|
MICROSEMI[Microsemi Corporation]
|
3-1571986-1 3-1571986-0 3-1571986-3 3-1571986-2 7- |
GEMINI A SERIES ROCKER SWITCH SINGLE POLE
|
Tyco Electronics
|
FST32253 FST32253QSC FST32253M FST32253MTC FST3225 |
Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25 Ohm Series Resistors in Outputs Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25?/a> Series Resistor in Outputs From old datasheet system Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25з Series Resistor in Outputs ENCODER ROTARY W/SPST SW 15PPR 4-Input Digital Multiplexer CBT/FST/QS/5C/B SERIES, DUAL MULTIPLEXER, PDSO16 Dual 4:1 Multiplexer/Demultiplexer Bus Switch with 25 Series Resistor in Outputs
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
APTC80H29SCTG |
Full - Bridge Series & SiC parallel diodes Super Junction MOSFET Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTC80AM75SC |
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
|
Advanced Power Technology
|
APTC80A10SCTG |
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
|
MICROSEMI[Microsemi Corporation]
|
APTC80A15SCT |
Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
|
Advanced Power Technology
|