PART |
Description |
Maker |
2SD2537T100V |
Medium Power Transistor (25V, 1.2A)
|
Rohm
|
ZXTN2005Z ZXTN2005ZTA |
25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
ZTX1049A ZTX1049A-15 ZTX1049ASTZ |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 25V NPN MEDIUM POWER TRANSISTOR IN E-LINE
|
Diodes Incorporated
|
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|
2SC2411K 2SC1741S 2SC4097 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) Medium Power Transistor (32V, 0.5A) Medium Power Transistor (32V 0.5A) Medium Power Transistor (32V/ 0.5A)
|
ROHM[Rohm]
|
CSA968A CSA968 CSA968B CSA968BO CSA968BY CSA968AY |
25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238AO 25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238AY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238BY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238BO 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238B 25.000W Medium Power PNP Plastic Leaded Transistor. 160V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238 PNP PLASTIC POWER TRANSISTORS Single-Phase Filter; Filter Type:RFI; Current Rating:16A; Voltage Rating:250V; Capacitance:1uF; Inductance:0.6uH; Mounting Type:Flange; Series:FN2060; Terminal Type:Quick Connect RoHS Compliant: Yes
|
Continental Device India Limited
|
CSD882P CSD882R CSD882 CSD882E CSD882Q |
10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSB772P 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSB772R 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSB772Q 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSB772E 10.000W Medium Power NPN Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSB772 Audio Frequency Power Amplifier and Low Speed Switching Applications
|
CDIL[Continental Device India Limited]
|
BCP69-16 BCP69-25 BCP69 BCP69/T1 |
TRANSISTOR MEDIUM POWER PNP medium power transistor
|
PHILIPS[Philips Semiconductors]
|
2N2222A |
HIGH SPEED MEDIUM POWER, NPN SWITCHING TRANSISTOR 800 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-206AA HIGH SPEED MEDIUM POWER / NPN SWITCHING TRANSISTOR
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
2SB1035 |
900mW Lead frame PNP transistor, maximum rating: -25V Vceo, -1A Ic, 55 to 300 hFE. Complementary 2SD1447 SMALL-SIGNAL TRANSISTOR FOR LOW FREQUENCY POWER AMPLIFY APPLICATION
|
Isahaya Electronics Corporation
|
C2688BPL CSC2688 CSC2688BPL CSC2688G CSC2688O CSC2 |
10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 200.000A Ic, 40 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 40 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 160 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 60 - 120 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 40 - 80 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 100 - 200 hFE.
|
Continental Device India Limited
|