PART |
Description |
Maker |
ZCYS9058-472-2P ZCYS ZCYS1512 ZCYS1512-203-2P ZCYS |
2 FUNCTIONS, 0.2 A, TELECOM FILTER ROHS COMPLIANT, SMD, 4 PIN Common Mode Filters(SMD) For xDSL 共模滤波器(贴片)包括xDSL 2 FUNCTIONS, 0.3 A, TELECOM FILTER
|
TDK[TDK Electronics] TDK Corporation TDK, Corp.
|
AFS2442.0S4 |
SMD 2442MHz SAW FILTER 1 FUNCTIONS, 2442 MHz, SAW FILTER
|
Abracon, Corp. ABRACON[Abracon Corporation]
|
AL1000-M5 AW1000-M5 AR5060-06 AW1000-M5D AR2000-01 |
锛?ILTER 1锛??锛?/span> "FILTER 1/4"" "FILTER 3/4"" "FILTER 1/8"" "FILTER 1/2"" "FILTER 3/8"" Microprocessor-Controlled Battery Management System "FILTER 1"" FILTER M5 BRACKET 5000/6000 FILTER REGULATOR 1/4 FILTER REGULATOR 1/2 FILTER REGULATOR 1/8 FILTER REGULATOR 3/8 "REGULATOR 1"" "REGULATOR 3/8"" LUBRICATOR 3/8 LUBRICATOR 1/8 Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking; Package: QFN; No of Pins: 24; Temperature Range: -40°C to 125°C "REGULATOR 1/2"" "REGULATOR 1/8"" "REGULATOR 3/4"" FILTER REGULATOR M5 LUBRICATOR M5 锛?EGULATOR 3/8锛??锛?/span>
|
|
TA0378A |
SAW Filter 184MHz SMD 7.0隆驴5.0 mm SAW Filter 184MHz SMD 7.0×5.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TB0729A |
SAW Filter 480MHz (SMD 5.0隆驴5.0 mm) SAW Filter 480MHz (SMD 5.0×5.0 mm)
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0292A |
SAW Filter 1220MHz SMD 3.0隆驴3.0 mm SAW Filter 1220MHz SMD 3.0×3.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0169A |
SAW Filter 836.5MHz SMD 3.0隆驴3.0 SAW Filter 836.5MHz SMD 3.0×3.0
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0537A |
SAW Filter 433.92MHz SMD 3.8隆驴3.8 mm SAW Filter 433.92MHz SMD 3.8×3.8 mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0510A |
SAW Filter 280MHz SMD 5.0隆驴5.0mm SAW Filter 280MHz SMD 5.0×5.0mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|
TA0395A |
SAW Filter 159.1625MHz SMD 7.0隆驴5.0 mm SAW Filter 159.1625MHz SMD 7.0×5.0 mm
|
TAI-SAW TECHNOLOGY CO., LTD. TAI-SAW TECHNOLOGY CO., LTD...
|
TA0451A |
SAW Filter 808MHz SMD 3.8隆驴3.8mm SAW Filter 808MHz SMD 3.8×3.8mm
|
TAI-SAW TECHNOLOGY CO., LTD.
|