PART |
Description |
Maker |
X00134 |
HIGH ENERGY FAST SWITCHING NPN POWER TRANSISTOR 90 AMPS, 300 VOLT
|
Solid States Devices, Inc
|
IDT72V2103L10PF IDT72V2113L10PFI IDT72V2113L7-5BCI |
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 3.3伏高密度SUPERSYNC二窄总线先进先出 Octal bus transceiver/register (3-State) - Description: Transceiver/Register (3-State) ; Fmax: 350 MHz; Logic switching levels: TTL ; Number of pins: 24 ; Output drive capability: -32/ 64 mA ; Propagation delay: 4.4 ns; Voltage: 4.5-5.5 V
|
Integrated Device Technology, Inc.
|
MR2400FR MR2401FR MR2402FR MR2404FR MR2408FR MR241 |
24 Amp Fast Recovery Rectifiers 50-1000 Volt
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
Q7010LH5 Q7010RH5 Q7012LH5 Q7012RH5 Q7015L6 Q7015R |
Alternistor triac, 25A, 800 Volt Alternistor triac, 15A, 400 Volt Alternistor triac, 25A, 500 Volt Alternistor triac, 25A, 200 Volt Alternistor triac, 8A, 500 Volt Alternistor triac, 25A, 400 Volt Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:25-35 Alternistor Triacs 交变双向 Alternistor triac, 6A, 500 Volt Alternistor triac, 15A, 200 Volt Alternistor triac, 15A, 500 Volt Alternistor triac, 15A, 600 Volt Alternistor Triacs
|
TECCOR[Teccor Electronics] Littelfuse, Inc. Motorola Mobility Holdings, Inc.
|
28F800F3 29068601 |
3 Volt Fast Boot Block Flash Memory From old datasheet system
|
Intel
|
KTK-R-30 KTK-R-2-1/2 KTK-R-15 KTK-R-10 KTK-R-12 KT |
Fast-Acting Fuses 13/32x 1-1/2 Class CC - 600 Volt, 1/10 - 30 Amps 快断式保险丝13/32“1-1/2”,CC 600伏,110 30安培 Fast-Acting Fuses 13/32x 1-1/2 Class CC - 600 Volt, 1/10 - 30 Amps 快断式保险丝13/32“1-1/2”,CC 600伏,10 30安培
|
Electronic Theatre Controls, Inc.
|
TSIC-201 |
Precise, fast response and Low-cost Temperature Sensor IC Analog 0-1 Volt
|
Zentrum Mikroelektronik Dresden AG Zentrum Mikroelektronik Dresden GmbH N.A.
|
SCF10000 SCF5000 SCF7500 SCF12500 SCF2500 |
High Voltage,High Density Fast Recovery Rectifier(反向电压2500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压7500V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压5000V,温5℃时平均整流电流0.5A,高压,高密度,快速恢复整流器) FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|
BY459X-1500 BY459X-1500S |
Damper diode fast, high-voltage(?诲凹浜??绠★?蹇??楂?? Damper diode fast, high-voltage(阻尼二极管,快速高 1500 V, SILICON, RECTIFIER DIODE, TO-220AC Damper diode fast/ high-voltage
|
NXP Semiconductors N.V. http:// PHILIPS[Philips Semiconductors]
|
HLMP-UL07 HLMP-UL14 HLMP-UG06 HLMP-UH06 HLMP-DL08 |
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps High-Speed Fully Differential Amplifier, /-5 V 8-MSOP-PowerPAD -40 to 85 High-Speed Fully Differential Amplifier, /-5 V 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SON -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SOIC -40 to 85 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 10x31.5 mm; Packaging: Bulk Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SOIC -40 to 85
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|