PART |
Description |
Maker |
ESRD121M02XR ESRD121M04R ESRD121M06XR ESRD101M02R |
Solid Polymer Aluminum SMT Capacitors
|
Cornell Dubilier Electronics List of Unclassifed Manufacturers ETC
|
ESRH151M06R ESRH151M0ER ESRH101M08R ESRH101M06R |
Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
|
Cornell Dubilier Electronics
|
ESRE221M04XR ESRE221M0ER ESRE331M02R ESRE331M0EXR |
Solid Polymer Aluminum SMT Capacitors Surface Mount, High Capacitance
|
ETC Cornell Dubilier Electronics
|
GBL08 GBL01 GBL010 GBL005 GBL02 GBL04 GBL06 |
Aluminum Polymer SMT Capacitor; Capacitance: 150uF; Voltage: 16V; Case Size: 8x7 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1500uF; Voltage: 2.5V; Case Size: 8x12 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 2200uF; Voltage: 2.5V; Case Size: 10x10 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x10 mm; Packaging: Tape & Reel 4.0A GLASS PASSIVATED BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
80D472P050KD5D 80D332P050KB2D 80D392P050JE2DE3 80D |
Cap Aluminum 4700uF 50V -10% to 30% (30 X 40mm) 10mm 51 Ohm 4300mA 2000 hr 85C Cap Aluminum 3300uF 50V -10% to 30% (30 X 30mm) 10mm 79 Ohm 3100mA 2000 hr 85C CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 3900 uF, THROUGH HOLE MOUNT, RADIAL LEADED Aluminum Capacitors 85 °C, Snap-In CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 3300 uF, THROUGH HOLE MOUNT, CAN, ROHS COMPLIANT Cap Aluminum 6800uF 50V -10% to 30% (30 X 50mm) 10mm 40 Ohm 5300mA 2000 hr 85C Cap Aluminum 2200uF 50V -10% to 30% (25 X 30mm) 10mm 2000 hr 85C CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4700 uF, THROUGH HOLE MOUNT, RADIAL LEADED
|
Vishay Sprague Vishay Siliconix
|
EEFSL0G820ER EEFSX0G820ER EEFSL0D101ER EEFSX0E331E |
SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
|
Panasonic Semiconductor
|
36DX122F250BB2A 36DX113G050AF2A 36DX202F450DF2A 36 |
CAP 1200UF 250VDC -10% TO 50% 52.8 X 82.6MM SCRW TERM CAN 10 - Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 11000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 2000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT CAP 930UF 450VDC -10% TO 50% 65.5 X 108MM SCRW TERM CAN 1000 - Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 40 V, 24000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 75 V, 10000 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT Aluminum Capacitors Powerlytic?, Large Can CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 2700 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 3400 uF, CHASSIS MOUNT, CAN, ROHS COMPLIANT
|
Vishay Sprague Vishay Siliconix
|
RHT0J681MDN1XX FP-010RE331M-HTXX FP-020RE151M-HTXX |
FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACIOTRS FUNCTIONAL POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
|
Nichicon corporation
|
APS-4R0EC3561MHB5S APS-4R0EC5102MJC5S APS-4R0EC556 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 560 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 820 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Nippon Chemi-con, Corp.
|
EKC12 MALREKE00DD347EG0K MALREKE00BA247H00K MALREK |
CAP,AL2O3,470UF,25VDC,20% -TOL,20% TOL CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 47 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT CAP,AL2O3,220UF,35VDC,20% -TOL,20% TOL EKC Aluminum Capacitors Radial Style CAP,AL2O3,1MF,16VDC,20% -TOL,20% TOL CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 470 uF, THROUGH HOLE MOUNT, RADIAL LEADED, ROHS COMPLIANT
|
Vishay Siliconix Vishay Roederstein
|
EEFHD0K680R EEFHE0D331R EEFHE0E271R EEFHE0J151R EE |
SP-Cap/ Polymer Aluminum Capacitors SP-Cap/ Polymer Aluminum Capacitors
|
Panasonic Semiconductor
|
|