PART |
Description |
Maker |
MBA0204VC9761FC100 MBA02040C1108FCT00 VISHAYBEYSCH |
MBA/SMA 0204, MBB/SMA 0207, MBE/SMA 0414 Precision Thin Film Leaded Resistors Film/Foil Resistor, RESISTOR, THIN FILM, 0.4 W, 1 %, 50 ppm, 1.1 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT MBA 0204-50 1%,KL AMMO 3K3 - Ammo Pack MBA 0204-50 1%,KL AMMO 33K - Ammo Pack MBA 0204-50 1%,KL AMMO 3M3 - Ammo Pack MBA 0204-50 1%,AMMO 12K4 - Ammo Pack MBA 0204-50 1%,KL AMMO 300K - Ammo Pack MBA 0204-50 1%,KL AMMO 16K - Ammo Pack RES THNFLM 1.8 OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack RES THNFLM 2.4 OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack Film/Foil Resistor, RESISTOR, THIN FILM, 0.4 W, 1 %, 50 ppm, 1620000 ohm, THROUGH HOLE MOUNT, AXIAL LEADED, ROHS COMPLIANT RES THNFLM 1.62M OHM 1% 2/5W 50PPM/ C AXL TH - Ammo Pack
|
Vishay Beyschlag
|
SB36L-A |
Schottky Pack: SMA
|
GULF SEMI
|
P6KE150A P6KE160A P6KE180A P6KE200A P6KE220A P6KE2 |
TVS Pack: DO-15
|
GULF SEMI
|
P6KE50CA |
TVS Pack: DO-15
|
GULF SEMI
|
SMCJ33A |
TVS Pack: SMC
|
GULF SEMI
|
SMBJ43A |
TVS Pack: SMB
|
GULF SEMI
|
GU1A GU1B GU1D GU1G GU1J GU1K GU1M |
Ultra Fast Recovery Pack: SMA SURFACE MOUNT SWITCHING RECTIFIER VOLTAGE?0 TO 1000V CURRENT 1.0A
|
Gulf Semiconductor
|
P4SMCA6.8CA61 P4SMCA6.8CA61-E3 P4SMCA30CA |
400 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AC PLASTIC, SMA, 2 PIN
|
Vishay Beyschlag VISHAY SEMICONDUCTORS
|
R125791501 R125703001 |
ADAPTOR, SMA M-F, PUSH-ON; Connector type A:SMA Male; Connector type B:SMA Female; Impedance:50R RoHS Compliant: Yes ADAPTOR, SMA PLUG/PLUGADAPTOR, SMA PLUG/PLUG; Connector type A:SMA Plug; Connector type B:SMA Plug; Frequency, operating max:18kHz; Impedance:50R; Insulation Resistance:5000MR; Material:Stainless steel; Material, contact:Beryllium
|
RADIALL S A
|
WM8144-12CFT/V |
TVS BIDIRECT 400W 48V SMA Integrated 12-bit Data Acquisition System for Imaging Applications
|
Wolfson Microelectronics plc
|
SMA22 SMA23 SMA26 SMA24 SMA25 |
Schottky Pack: SMA SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE:20 TO 60V CURRENT: 2.0A
|
Gulf Semiconductor
|
|