PART |
Description |
Maker |
SB1545CT |
Schottky Pack: TO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 15.0A
|
Gulf Semiconductor
|
SB1645FCT |
Schottky Pack: ITO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 16.0A
|
Gulf Semiconductor
|
SB10100FCT |
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 10.0A Schottky Pack: ITO-220AB
|
Gulf Semiconductor
|
SB1545FCT |
Schottky Pack: ITO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 45V CURRENT: 150A
|
GULF SEMI Gulf Semiconductor
|
SB8100FCT |
Schottky Pack: ITO-220AB
|
GULF SEMI
|
SB20100FCT |
Schottky Pack: ITO-220AB SCHOTTKY BARRIER RECTIFIER VOLTAGE: 100V CURRENT: 20.0A
|
GULF SEMI Gulf Semiconductor
|
BT139-800127 |
Triacs - I<sub>GT</sub>: 35 mA; I<sub>T</sub> (R<sub>MS</sub>): 16 A; V<sub>DRM</sub>: 800 V; Package: SOT78 (TO-220AB); Container: Tube pack 800 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
NXP Semiconductors N.V.
|
UERA10D |
GPP-TO Pack: TO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:10.0A
|
Gulf Semiconductor
|
UGRA10D |
GPP-TO Pack: TO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 10.0A
|
Gulf Semiconductor
|
UERA16G |
GPP-TO Pack: TO-220AB Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT:16.0A
|
Gulf Semiconductor
|
FERP16K |
GPP-TO Pack: ITO-220AB Ultra fast Plastic Rectifiers VOLTAGE: 800V CURRENT:16.0A
|
Gulf Semiconductor
|