PART |
Description |
Maker |
R1170H301B R1170H301B-T1 R1170H301B-T2 R1170H301B- |
800mA LDO REGULATOR 800mA LDO REGULATOR 1.6 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.1 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 CAPS, COAX CONNECTOR; SC MALE CAP (WITH CHAIN); SC MALE CAP (WITH CHAIN) 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, DSO6 800mA LDO REGULATOR 800mA的LDO稳压 800mA LDO REGULATOR 2.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.9 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.8 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 VOLT REG POS 4V 100MA SMD TO-243 CABLE 10COND 24AWG UNSHLD UL2464
|
RICOH electronics devic... RICOH COMPANY LTD Ricoh Co., Ltd. RICOH[RICOH electronics devices division]
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
SP6200ER-L-1.5 SP6200EM5-L-1.5 SP6200ER-L-1.5/TR S |
1.5 V FIXED POSITIVE LDO REGULATOR, DSO8 2 X 3 MM, LEAD FREE, MO-229CVCED-2, DFN-8 1.5 V FIXED POSITIVE LDO REGULATOR, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN 2.7 V-6 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO8 2.85 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 1.8 V FIXED POSITIVE LDO REGULATOR, PDSO5
|
Exar, Corp. Stackpole Electronics, Inc. EXAR CORP
|
APL111728FC-TRG APL111728VC-TRG APL111750VC-TRL AP |
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 GREEN, PLASTIC, TO-261AA, SOT-223, 4 PIN 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, SFM3 GREEN, TO-220AB, 3 PIN 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
Anpec Electronics Coropration ANPEC ELECTRONICS CORP Anpec Electronics, Corp. Anpec Electronics Corop...
|
R1171S261A R1172N301D R1172N101A R1172N101B R1172N |
1.3 V FIXED POSITIVE LDO REGULATOR, 0.32 V DROPOUT, PDSO6 2.0A/1.5A LDO REGULATOR SUPER LOW ON RESISTANCE / LOW VOLTAGE 1A LDO 2.3 V FIXED POSITIVE LDO REGULATOR, 0.15 V DROPOUT, PDSO5 4.9 V FIXED POSITIVE LDO REGULATOR, 0.1 V DROPOUT, DSO6
|
RICOH electronics devices division http:// RICOH COMPANY LTD RICOH electronics devices d... RICOH electronics devic...
|
BDXXKA5FP BD12KA5F BD12KA5WF BD12KA5WFP BD12KA5FP |
500mA Secondary LDO Regulators for Local Power Supplies 1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO4 1 V-4 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PSSO2
|
Rohm
|
AP2112M-2.5G1 AP2112R5-1.8TRG1 AP2112R5A-1.8TRG1 A |
2.5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 GREEN, SOIC-8 1.8 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO5 GREEN, SOT-89, 5 PIN 1.8 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO5 GREEN, SOT-23, 5 PIN 600mA CMOS LDO REGULATOR WITH ENABLE 2.6 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO5 2.6 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 1.8 V FIXED POSITIVE LDO REGULATOR, 0.7 V DROPOUT, PDSO8
|
BCD Semiconductor Manufacturing, Ltd. BCD Semiconductor Manufacturing Limited BCD SEMICONDUCTOR MANUFACTURING LTD
|
LP2950--25-S08-R LP2950--25-S08-T LP2950L--25-D08- |
2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 SOP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP8 LEAD FREE, DIP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 HALOGEN FREE, SOP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 LEAD FREE, SOP-8 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDIP8 DIP-8 100 mA LOW-DROPOUT VOLTAGE REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, BCY3 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PSSO2 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 100 mA LOW-DROPOUT VOLTAGE REGULATOR
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD E-Tech Electronics LTD
|
R1130HXXXX R1130H16A-T2-FB R1130D28A-TR R1130D23B- |
Power Management ICs 1.6 V FIXED POSITIVE LDO REGULATOR, 0.95 V DROPOUT, PDSO5 2.8 V FIXED POSITIVE LDO REGULATOR, 0.34 V DROPOUT, PDSO6 2.3 V FIXED POSITIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO6 4.3 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO6 1.8 V FIXED POSITIVE LDO REGULATOR, 0.75 V DROPOUT, PDSO5 3.5 V FIXED POSITIVE LDO REGULATOR, 0.28 V DROPOUT, PDSO6 1.5 V FIXED POSITIVE LDO REGULATOR, 1.05 V DROPOUT, PDSO6 2.5 V FIXED POSITIVE LDO REGULATOR, 0.49 V DROPOUT, PDSO6
|
RICOH COMPANY LTD
|
AP2128K-5.2TRG1 AP2128K-1.2TRG1 AP2128K-4.2TRG1 AP |
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 GREEN, SOT-23, 5 PIN 1 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PDSO5 GREEN, SOT-23, 5 PIN 2.8 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 GREEN, SOT-23, 5 PIN 3.9 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 GREEN, SOT-23, 5 PIN 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 GREEN, SOT-23, 5 PIN 4.2 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 GREEN, SOT-23, 5 PIN 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO5 GREEN, SOT-23, 5 PIN 5.2 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5 GREEN, SOT-23, 5 PIN
|
Diodes BCD Semiconductor Manufacturing, Ltd.
|
LT1086-05-220M LT1086-12-220M LT1086-220M LT108622 |
12 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 4-Bit Synchronous Up/Down Binary Counters 16-SO 0 to 70 TV 37C 37#16 SKT PLUG TV 43C 23#20 20#16 PIN PLUG LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, MSFM3
|
TT electronics Semelab Limited SEME-LAB[Seme LAB] SEMELAB LTD
|
|