PART |
Description |
Maker |
1N60A |
Germanium Diode Optimized for Radio Frequency Response
|
MICROSEMI[Microsemi Corporation]
|
SMP550G-EL |
P.I.N. PHOTODIODE PIN. Photodiode(Excellent Linearity,Low Noise,Wide Spectral Response,Eye Response Detection)(PIN. 光电二极极好线性特性,低噪声,宽谱响应,信号灯响应检测))
|
Seme LAB Semelab(Magnatec)
|
SMP550G-FL |
P.I.N. PHOTODIODE PIN. Photodiode(Excellent Linearity,Low Noise,Widest Spectral Response,Eye Response Detection)(PIN. 光电二极极好线性特性,低噪声,宽谱响应,信号灯响应检测))
|
Seme LAB Semelab(Magnatec)
|
LT1587CM-1.5 LT1587-1.5 LT1587CT-1.5 LT1587CM-1.5T |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
|
LINEAR TECHNOLOGY CORP
|
PS2525L-2-E4 PS2525L-1 PS2525L-1-E4 PS2525L-1-F3 P |
LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES AC Input Response Photocoupler(交流输入响应光光隔离器)
|
NEC Corp.
|
R821 R821-15 |
For Astro-physics and Other Ultraviolet Radiation Detection Solar Blind Response (160nm to 320nm), Cs-Te Photocathode Solar Blind Response (160nm to 320nm), Cs-Te Photocathode PHOTOMULTIPLIER TUBE
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics
|
MC44603ADWR2G MC44603APG MC44603ADWG MC44603ADWR2 |
ENHANCED MIXED FREQUENCY MODE GREENLINE TM PWM CONTROLLER:FIXED FREQUENCY, VARIABLE FREQUENCY,STANDBY MODE
|
ONSEMI[ON Semiconductor]
|
GM71C4403DLJ-80 GM71C4403D-80 GM71C4403DT-70 GM71C |
MB 32C 32#20 PIN PLUG Single Output LDO, 1.0A, Fixed (5.0V), Low Noise, Fast Transient Response 6-SOT-223 -40 to 85 1,048,576 Words x Bit Organization 1,048,576字×位组织 Single Output LDO, 1.0A, Adj.(1.295 to 5.5V), Low Noise, Fast Transient Response 5-DDPAK/TO-263 -40 to 85
|
LG Corp. LG, Corp.
|
NX8566LE929-CC NX8566LE803-CC NX8565LE836-CC NX856 |
TV 6C 6#8(TWIN) PIN PLUG RECP Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可6000240公里DWDM应用 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可3600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可3600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.8V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(1.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Single Output LDO, 1.0A, Fixed(2.7V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE MODULE FOR 2.5 Gb/s ULTRALONG-REACH 360, 600, 240 km DWDM APPLICATIONS 邻舍EA调制器集成InGaAsP多量子阱DFB激光二极管模块2.5千兆/秒超长可600040公里DWDM应用 Enhanced Product Fast-Transient-Response 1-A Low-Dropout Voltage Regulators 20-HTSSOP -40 to 125 PT 19C 19#20 SKT PLUG Single Output LDO, 250mA, Fixed(5.0V), Low Quiescent Current, Power Good (PG) Output 8-SOIC PTSE 18C 18#20 PIN RECP 901481102 Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 Single Output LDO, 1.0A, Fixed(2.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 1.0A, Fixed(1.8V), Low Quiescent Current, Fast Transient Response 8-SOIC -40 to 125 PQ I HIP6W DUET Single Output LDO, 1.0A, Adj.(1.5 to 5.5V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125 Single Output LDO, 1.0A, Fixed(3.3V), Low Quiescent Current, Fast Transient Response 20-HTSSOP -40 to 125
|
California Eastern Laboratories, Inc. http:// California Eastern Labs
|
APL1117D-50VC-TRL APL1117D-50VC-TUL APL1117R-50VC- |
1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V 1A低压差稳压器快速反应积极固3.3V.0V 1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V 1A低压差稳压器快速反应积极固.3V5.0V
|
Anpec Electronics Corporation Anpec Electronics, Corp.
|
|