PART |
Description |
Maker |
UG4KB100 UG4KB60 UG4KB80 UG4KB05 |
Bridge rectifier Pack: D3K Standard Recovery Pack: D3K SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
|
Gulf Semiconductor http://
|
KBP306G KBP310G KBP3005G KBP301G KBP302G KBP304G |
Bridge rectifier Pack: KBP SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:3.0A
|
Gulf Semiconductor
|
GSIB4A05 GSIB4A10 GSIB4A100 GSIB4A20 GSIB4A40 GSIB |
Bridge rectifier Pack: GSIB-3S SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
|
Gulf Semiconductor
|
GSIB10A05 GSIB10A10 GSIB10A100 GSIB10A20 GSIB10A40 |
Bridge rectifier Pack: GSIB-5S SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
|
Gulf Semiconductor
|
KBP2005G KBP201G KBP202G KBP204G KBP206G KBP208G K |
Bridge rectifier Pack: KBP SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:2.0A
|
Gulf Semiconductor
|
GSIB2560-E GSIB25100-E GSIB2580-E |
Bridge rectifier Pack: GSIB-5S SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 600V to 1000V Current: 25.0A
|
Gulf Semiconductor
|
DF1510S DF15005S DF1501S |
Bridge rectifier Pack: DBS SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:1.5A
|
Gulf Semiconductor
|
LB06 LB08 LB10 LB04 LB02 LB005 LB01 |
Bridge rectifier Pack: LBF SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
|
Gulf Semiconductor
|
LLB06 LLB08 LLB10 LLB005 LLB01 LLB02 LLB04 |
Bridge rectifier Pack: LBF SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
|
Gulf Semiconductor
|
4GBL01 |
50V Bridge in a GBL package
|
International Rectifier
|
DB156S |
Bridge rectifier Pack: DBS
|
GULF SEMI
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|