PART |
Description |
Maker |
TMUX03155 |
STS-3/STM-1 (AU-4) Multiplexer/Demultiplexer(STS-3/STM-1 (AU-4)多路复用多路分解 STS-3/STM-1(非 4)多路复用器/多路解复用器(STS-3/STM-1(非 4)多路复用器/多路分解器)
|
Lineage Power TE Connectivity, Ltd.
|
FTLF1323P1BTL FTLF1323P1WTL FTLF1323P1XTL |
OC-3 LR-1/STM L-1.1 RoHS Compliant Pluggable SFP Transceiver
|
Finisar Corporation.
|
SI5013-X-GM |
OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER OC - 12 / 3接口,STM - 4 / 1的SONET / SDH的CDR集成电路限幅放大
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
FTLF1322F2GTR FTLF1322F2HTR FTLF1322F2KTR FTLF1322 |
OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
|
Finisar Corporation.
|
FTLF1322S2GTR FTLF1322S2HTR FTLF1322S2KTR FTLF1322 |
OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x10 SFF Transceiver
|
Finisar Corporation.
|
1345TAPC 1345TMPC 1345TNPC 1345 1345CAPC 1345CBPC |
1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector SC. Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Approval Categories:Low Loss UL AWM Style 1354; Capacitance:24.80pF RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:7 x 19; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Matte Black RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:8; Impedance:50ohm; Conductor Size AWG:10; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 1345-Type Receiver with Clock Recovery and Data Retiming 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: no internal connections. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector SC. 1345-type receiver with clock recovery and data remiting. OC-3/STM-1 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector FC-PC. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: requires 5V or -5V. Connector ST. 1345-type receiver with clock recovery and data remiting. OC-12/STM-4 receiver versions. Pin 10 requirements: no internal connections. Connector ST.
|
AGERE[Agere Systems]
|
XRT91L30_0611 XRT91L306 XRT91L30IQ |
STS-12/STM-4 OR STS-3/STM-1 SONET/SDH TRANSCEIVER
|
EXAR[Exar Corporation]
|
QFBR-5241 HFBR-5204P HFBR-5205P HFBR-5205PE HFBR-5 |
HFBR-5205AT · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: Extended Temp., ST HFBR-5205A · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: Extended Temp., SC HFBR-5205PE · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: Mezz, Ext. Shield HFBR-5205P · ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: SC, Mezz. Height HFBR-5204P · ATM MMF Transceivers for SONET OC-3/SDH STM-1 in 1x9 Package: SC, Mezz. Height ATM MMF Transceiver for SONET OC-3/SDH STM-1 in 1x9 Package: SC. Mezz. Height ATM MMF Transceivers for SONET OC-3/SDH STM-1 in 1x9 Package: SC. Mezz. Height ATM Multimode Fiber Transceivers for SONET OC-3/SDH STM-1 in Low Cost 1x9 Package Style
|
Agilent (Hewlett-Packard)
|