PART |
Description |
Maker |
MAX803EXRT MAX809EXRT MAX810EXRT MAX809EURT MAX810 |
3-Pin Microprocessor Reset Circuits 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 3-Pin Microprocessor Reset Circuits
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
AP1702 AP1702AW AP1702AWL AP1702BW AP1702BWL AP170 |
4.63 V, 3-pin microprocessor reset circuit 4.38 V, 3-pin microprocessor reset circuit 3.08 V, 3-pin microprocessor reset circuit TRANSISTOR, JFET N TO-18 RECTIFIER SBR SINGLE 2A 30V 75A-ifsm 0.45Vf 0.2mA-ir PowerDI-123 3K/REEL JFET; Transistor Polarity:N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V; Package/Case:TO-78 3-Pin Microprocessor Reset Circuits 3引脚微处理器复位电路 JFET; Transistor Polarity:Dual N Channel; Breakdown Voltage, V(br)gss:-25V; Zero Gate Voltage Drain Current Min, Idss:12mA; Zero Gate Voltage Drain Current Max, Idss:30mA; Gate-Source Cutoff Voltage Max, Vgs(off):-4V 3引脚微处理器复位电路 2.93 V, 3-pin microprocessor reset circuit 2.63 V, 3-pin microprocessor reset circuit 4.00 V, 3-pin microprocessor reset circuit
|
ANACHIP[Anachip Corp] ETC[ETC] 复位半导 NEC, Corp. Kingbright, Corp.
|
CAT803LTBIT3 CAT809LTBI-GT3 CAT810LTBI-GT3 CAT803 |
3-Pin Microprocessor Power Supply Supervisors
|
CATALYST[Catalyst Semiconductor]
|
CAT811LTBI |
4-Pin Microprocessor Power Supply Supervisors with Manual Reset
|
ON Semiconductor
|
UPD70108GC-8-3B6 UPD70108C-5 UPD70108C8 UPD70108LG |
TV 6C 6#8(TWINAX) SKT RECP 16-/8- Bit Microprocessor 16-Bit Microprocessor 16位微处理 TV 27C 19#20 4#16 4#12 PIN REC 16-/8-位微处理
|
NEC Corp. NEC, Corp.
|
CAT811ZEUSGT3 CAT811REUSGT10 CAT811ZEUSGT10 CAT811 |
4-Pin Microprocessor Power Supply Supervisors with Manual Reset 4引脚微处理器电源监控器,带有手动复位
|
Alliance Semiconductor, Corp. Maxim Integrated Products, Inc. Electronic Theatre Controls, Inc.
|
MIC809TYC3 MIC810TYC3 MIC809TBC3 MIC810TBC3 MIC810 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 LEAD FREE, SOT-23, 3 PIN Microprocessor Reset Circuits
|
MICREL INC Micrel Semiconductor, Inc. http://
|
Z8S18033VEC Z8S18006VEC Z8S18020VEC Z8S18010PEC Z8 |
ENHANCED Z180 MICROPROCESSOR CONN HDR INVERSE 30POS 5ROW R/A ENHANCED Z180 MICROPROCESSOR 强化Z180微处理器 CONN POWER HEADER 4ROW 8POS P-F 8-BIT, MICROPROCESSOR, PQCC68 Moldable Putty Stick; Pack Quantity:1 RoHS Compliant: Yes 8-BIT, 10 MHz, MICROPROCESSOR, PDIP64
|
ZiLOG, Inc.
|
MAX823 MAX823EUK MAX825 MAX825EUK MAX824 MAX824EUK |
Microprocessor supervisory circuit. Reset threshold 2.93V. Active-low reset. Active-high reset. Watchdog input. 5-Pin Microprocessor Supervisory Circuits 8-Bit Parallel-Out Serial Shift Registers 14-CFP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Produc... MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
MAX6342 MAX6342UT-T MAX6343UT-T MAX6344UT-T MAX634 |
Microprocessor reset circuit with power-fail comparator. Reset threshold 2.63V. Push-pull active-low reset output, push-pull active-high reset output. Microprocessor reset circuit with power-fail comparator. Reset threshold 2.93V. Push-pull active-high reset output, manual-reset input. Microprocessor reset circuit with power-fail comparator. Reset threshold 2.63V. Open-drain active-low reset output, manual-reset input. 6-Pin P Reset Circuit with Power-Fail Comparator 6-Pin μP Reset Circuit with Power-Fail Comparator 6-Pin レP Reset Circuit with Power-Fail Comparator Microprocessor reset circuit with power-fail comparator. Reset threshold 4.63V. Open-drain active-low reset output, manual-reset input. Microprocessor reset circuit with power-fail comparator. Reset threshold 2.93V. Open-drain active-low reset output, manual-reset input. Microprocessor reset circuit with power-fail comparator. Reset threshold 2.93V. Push-pull active-low reset output, push-pull active-high reset output.
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|