PART |
Description |
Maker |
PHPT610035PK |
PNP/PNP matched high power double bipolar transistor
|
NXP Semiconductors
|
BCM62B-15 |
PNP/PNP matched double transistor
|
NXP Semiconductors
|
BCM857DS |
PNP/PNP matched double transistors
|
NXP Semiconductors
|
PMBT3906YS PMBT3906YS115 |
40 V, 200 mA PNP/PNP general-purpose double transistor 40 V, 200 mA PNP-PNP general-purpose double transistor 40 V, 200 mA PNP/PNP general-purpose double transistor; Package: SOT363 (SC-88); Container: Tape reel smd
|
NXP Semiconductors N.V.
|
BCV64B BCV64 BCV64B_3 BCV64B215 |
PNP general purpose double transistor - Description: Schmitt Trigger; Package: SOT143B (SOT4); Container: Tape reel smd 100 mA, 30 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR From old datasheet system
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PMBT3946YPN |
40 V, 200 mA NPN/PNP general-purpose double transistor 40 V, 200 mA NPN-PNP general-purpose double transistor 200 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
DMMT3906 DMMT3906-7 |
MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 200 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
FZT1151A FZT1151ATA FZT1151A-15 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V PNP Low Sat Transistor TRANS PNP -40V -3000MA SOT-223 3 A, 40 V, PNP, Si, POWER TRANSISTOR PNP SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR 3 A, 40 V, PNP, Si, POWER TRANSISTOR
|
Zetex Semiconductors Diodes Incorporated Zetex Semiconductor PLC
|
PEMB3 PEMB3_1 |
PNP resistor-equipped double transistor R1 = 4.7 kohm/ R2 = open PNP resistor-equipped double transistor R1 = 4.7 kohm, R2 = open From old datasheet system
|
Philips Semiconductors NXP Semiconductors
|
BCM856S |
General Purpose Transistors - PNP precision matched AF Transistor Array
|
Infineon
|
2N1122 2N1405 2N1407 2N1101 2N1140 2N1535 2N1472 2 |
TRANSISTOR | BJT | PNP | 11V V(BR)CEO | 50MA I(C) | TO-24 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-12 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-22 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-9 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 3.5A I(C) | IST-3RT-1/2 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50A I(C) | TO-36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 12A I(C) | TO-3 TRANSISTOR | BJT | PNP | 110V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 25MA I(C) | TO-22VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 25A I(C) | TO-36 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 7A I(C) | TO-3 晶体管|晶体管|进步党| 50V五(巴西)总裁| 7A条一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 12V的五(巴西)总裁| 100mA的一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 65V的五(巴西)总裁|5A一(c)|6 TRANSISTOR | BJT | PNP | 15A I(C) | TO-36 TRANSISTOR | BJT | PNP | 38V V(BR)CEO | 15A I(C) | TO-41
|
NXP Semiconductors N.V. Microsemi, Corp.
|