PART |
Description |
Maker |
2SA2091S 2SA2091STPQ |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR SPT, SC-72, 3 PIN Medium power transistor (60V/ 1A) Medium power transistor (−60V, −1A) Medium power transistor (-60V, -1A)
|
TE Connectivity, Ltd. ROHM[Rohm]
|
2SC2411K 2SC1741S 2SC4097 |
Transistors > Small Signal Bipolar Transistors(up to 0.6W) Medium Power Transistor (32V, 0.5A) Medium Power Transistor (32V 0.5A) Medium Power Transistor (32V/ 0.5A)
|
ROHM[Rohm]
|
CSB772P CSB772R CSB772 CSB772E CSB772Q |
10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 400 hFE. Complementary CSD882 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 200 - 400 hFE. Complementary CSD882E 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 60 - 120 hFE. Complementary CSD882R 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 100 - 200 hFE. Complementary CSD882Q 10.000W Medium Power PNP Plastic Leaded Transistor. 30V Vceo, 3.000A Ic, 160 - 320 hFE. Complementary CSD882P Audio Frequency Power Amplifier and Low Speed Switching
|
CDIL[Continental Device India Limited]
|
2SD214309 2SD1866TV2 |
Medium Power Transistor (Motor, Relay drive) (60隆戮10V, 2A) Medium Power Transistor (Motor, Relay drive) (60±10V, 2A) 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rohm
|
ESJ-4-3-75 |
OSC 5V 8PIN CMOS E-Series 4-Way 0 Differential Power Divider 5 - 872 MHz
|
MACOM[Tyco Electronics]
|
2SC3072 |
TRANSISTOR (STROBE FLASH/ MEDIUM POWER AMPLIFIER APPLICATIONS) Transistor Silicon NPN Epitaxial Type (PCT process) Strobe Flash Applications Medium Power Amplifier Applications
|
Toshiba Semiconductor
|
FZT491 FZT491A |
NPN Low Sat Transistor NPN Med Power Transistor SOT223 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR Style:Wall Mount Receptacle; Insert Arrangement:18-11
|
Zetex Semiconductors Diodes Incorporated
|
CSB546O CSB546R CSB546Y |
25.000W Medium Power PNP Plastic Leaded Transistor. 150V Vceo, 2.000A Ic, 70 - 140 hFE. Complementary CSD401O 25.000W Medium Power PNP Plastic Leaded Transistor. 150V Vceo, 2.000A Ic, 40 - 80 hFE. Complementary CSD401R 25.000W Medium Power PNP Plastic Leaded Transistor. 150V Vceo, 2.000A Ic, 120 - 240 hFE. Complementary CSD401Y 25.000W Medium Power PNP Plastic Leaded Transistor. 150V Vceo, 2.000A Ic, 40 - 240 hFE. Complementary CSD401
|
Continental Device India Limited
|
2N3209DCSM |
Dual High Speed Medium Power PNP Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型双PNP晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED/ MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE DUAL HIGH SPEED, MEDIUM POWER PNP GENERAL PURPOSE TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2N2369ADCSM |
High Speed Medium Power NPN Switching Transistor In Hermetic Cermic Surface Mount Package For High Reliability Application(高速、中等功率、开关型NPN晶体管(高可靠性、陶瓷表贴封装)) DUAL HIGH SPEED, MEDIUM POWER, NPN SWITCHING TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE
|
TT electronics Semelab Limited SEME-LAB[Seme LAB]
|
2N6123 2N6124 |
40.000W Medium Power NPN Plastic Leaded Transistor. 80V Vceo, 4.000A Ic, 20 - 80 hFE. 40.000W Medium Power PNP Plastic Leaded Transistor. 45V Vceo, 4.000A Ic, 25 - 100 hFE.
|
Continental Device India Limited
|
2SB772SL-X-AA3-R 2SB772S-X-T92-K 2SB772S-X-AB3-R 2 |
MEDIUM POWER LOW VOLTAGE TRANSISTOR 3000 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|