PART |
Description |
Maker |
R1112N R1112N4.3BTR R1112N4.0BTR R1112N1.6ATL R111 |
Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active high type. Taping type TL Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Standard taping type TR Low noise 150mA LDO regulator. Output voltage 3.0V. Active low type. Taping type TL LOW NOISE 150mA LDO REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PDSO5 Analog IC 模拟IC Test fixture for 0402 - 1812 body sizes Linear Sensor Photodiode Array; 102x1 Sensor-Elements Organization; 300 Dots-Per-Inch (DPI) Sensor Pitch; On-Chip 8-bit Analog-to-Digital Conversion; Three-Zone Prgrammable Offset (Dark Level) and Gain; High Sped Serial Interface; 1MHz Pixel Rate High reliability part. For price, availability and ordering contact Coilcraft Critical Products, cp@coilcraft.com
|
HIROSE ELECTRIC Co., Ltd. Ricoh Co., Ltd. RICOH electronics devic...
|
AAT3221IJS-18-T1 AAT3221IJS-24-T1 AAT3221IJS-30-T1 |
150mA NanoPower??LDO Linear Regulator Hex Buffers / Drivers with Open-Collector High-Vltage Outputs 14-SO 0 to 70 150mA的NanoPower⑩LDO线性稳压器 128 x 128 pixel format, LED or EL Backlight available 150mA的NanoPower⑩LDO线性稳压器 150mA NanoPowerLDO Linear Regulator 150mA的NanoPower⑩LDO线性稳压器 POT 10K OHM SLIDE 100MM MONO FAD 150mA NanoPower?/a> LDO Linear Regulator 150mA NanoPower LDO Linear Regulator 150mA NanoPower⑩ LDO Linear Regulator 150MA NANOPOWER⒙ LDO LINEAR REGULATOR
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
AAT3216 AAT3216IGV-1.2-T1 AAT3216IGV-1.5-T1 AAT321 |
150mA MicroPower??LDO with PowerOK 150mA MicroPower LDO with PowerOK 150mA MicroPower⑩ LDO with PowerOK Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:42 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:105 C; Voltage Nom.:300V RoHS Compliant: Yes 150mA MicroPowerLDO with PowerOK ⑩微功50mA的LDO稳压器与PowerOK
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. Advanced Analogic Technologies, Inc.
|
SP6260CEK-L/TR SP6260AEK-L/TR SP6260BEK-L/TR SP626 |
High Speed, Extremely Low Noise 150mA LDO Regulator
|
Sipex Corporation
|
MIC5255-2.5BD5 MIC5255-2.5BM5 MIC5255-2.5YD5 MIC52 |
150mA Low Noise 渭Cap CMOS LDO 150mA Low Noise μCap CMOS LDO 2.5 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 150mA Low Noise Cap CMOS LDO
|
Micrel Semiconductor MICREL INC
|
MIC5246 MIC5246-2.6BM5 MIC5246-2.7BM5 MIC5246-2.85 |
150mA レCap CMOS LDO Regulator Preliminary Information 2.7 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO5 DIODE, SCHOTTKY BARRIER DIODE 150mA Cap CMOS LDO Regulator Preliminary Information 150mA μCap CMOS LDO Regulator Preliminary Information
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
XC6207A122EL XC6207A122ER XC6207A122ML XC6207A122M |
High Speed Operation" LDO Voltage Regulators High Speed Green Operation LDO Voltage Regulators
|
Torex Semiconductor
|
MIC5252-2.5BM5 MIC5252-2.5YM5 MIC5252-2.85BM5 MIC5 |
150mA High PSRR, Low Noise 渭Cap CMOS LDO 150mA High PSRR, Low Noise μCap CMOS LDO
|
Micrel Semiconductor
|
SPX5205M5-L-1-2/TR SPX5205M5-L-1-8/TR SPX5205M5-L- |
150mA, LOW-NOISE LDO VOLTAGE REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO5 LEAD FREE, MO-178AA, SOT-23, 5 PIN
|
Exar Corporation Exar, Corp.
|
MIC5320-SKYD6 MIC5320-SKYMT MIC5320-JGYMT MIC5320- |
High-Performance Dual 150mA μCap ULDO Dual, High Performance 150mA uCap ULDO DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO6 Dual, High Performance 150mA uCap ULDO DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO6 High-Performance Dual 150mA μCap ULDO? High-Performance Dual 150mA μCap ULDO?
|
Micrel Semiconductor, Inc.
|
R1113Z501A-EX R1113Z351A-EX R1113Z301A-EX R1113Z15 |
LOW NOISE 150mA LDO REGULATOR 低噪50mA的LDO稳压 LOW NOISE 150mA LDO REGULATOR 3.5 V FIXED POSITIVE LDO REGULATOR, 0.26 V DROPOUT, PBGA4
|
Ricoh Co., Ltd.
|