PART |
Description |
Maker |
IRL3714L IRL3714S IRL3714 IRL3714STRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 36A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 36A条(丁)|63AB HEXFET? Power MOSFET Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A) 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRLR3715 IRLU3715 IRLR3715TRR |
TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 54A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 20V的五(巴西)直| 54A条(丁)|52AA SMPS MOSFET 20V Single N-Channel HEXFET Power MOSFET in a D-Pak package 20V Single N-Channel HEXFET Power MOSFET in a I-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF7301 IRF7301TR |
FERRITE BEAD BLM21A601S Power MOSFET(Vdss=20V Rds(on)=0.050ohm) Power MOSFET(Vdss=20V, Rds(on)=0.050ohm) 20V Dual N-Channel HEXFET Power MOSFET in a SO-8 package
|
IRF[International Rectifier]
|
FDS9933BZ |
-20V Dual P-Channel 2.5V Specified PowerTrenchMOSFET Dual P-Channel 2.5V Specified PowerTrench㈢ MOSFET Dual P-Channel 2.5V Specified PowerTrench? MOSFET
|
Fairchild Semiconductor
|
IRF5850 IRF5850TR |
2200 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET -20V Dual P-Channel HEXFET Power MOSFET in a TSOP-6 package Ultra Low On-Resistance
|
International Rectifier
|
SI6953DQ |
Dual 20V P-Channel PowerTrench MOSFET Dual 20V P-Channel PowerTrench MOSFET 1.9 A, 20 V, 0.17 ohm, 2 CHANNEL, P-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
FDFMA2P85708 FDFMA2P857 |
-20V Integrated P-Channel PowerTrenchMOSFET and Schottky Diode Integrated P-Channel PowerTrench㈢ MOSFET and Schottky Diode .20V, .3.0A, 120mヘ Integrated P-Channel PowerTrench庐 MOSFET and Schottky Diode .20V, .3.0A, 120m惟 Integrated P-Channel PowerTrench? MOSFET and Schottky Diode .20V, .3.0A, 120mΩ
|
Fairchild Semiconductor
|
AO9926B AO9926B11 |
20V Dual N-Channel MOSFET
|
Alpha & Omega Semiconductors
|
AON4803 |
20V Dual P-Channel MOSFET
|
ShenZhen FreesCale Electronics. Co., Ltd
|