PART |
Description |
Maker |
SPVE110900 SPVE210100 SPVE210200 SPVE110100 SPVE11 |
Compact One-way Operation Type Detector Switch
|
ETC List of Unclassifed Manufacturers
|
SPVM SPVM110200 SPVM110100 |
Compact Two-way Operation Type Detector Switch 紧凑的双向操作型检测器,开
|
Electronic Theatre Controls, Inc.
|
PQ070XN01ZPH |
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
|
Sharp Electrionic Components
|
PQ035ZN1HZPH |
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulator
|
Sharp Electrionic Components
|
EC2-6 EC2 EC2-12ND EC2-12NP EC2-12NU EC2-12NJ EC2- |
High Insulation, High breakdown voltage, compact and lightweight, Surface mounting type COMPACT AND LIGHTWEIGHT/ SMALL MOUNTING SIZE/ HIGH BREAKDOWN VOLTAGE High Insulation/ High breakdown voltage/ compact and lightweight/ Surface mounting type A/D Converter (A-D) IC; Resolution (Bits):24; Sample Rate:192kSPS; Input Channels Per ADC:8; Input Channel Type:Differential; Data Interface:Serial; Package/Case:48-LQFP RoHS Compliant: Yes CONNECTOR ACCESSORY Film Capacitor; Capacitor Type:Suppression; Voltage Rating:100VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.022uF; Capacitance Tolerance: 10%; Lead Pitch:5.00mm; Leaded Process Compatible:Yes RoHS Compliant: Yes COMPACT AND LIGHTWEIGHT, SMALL MOUNTING SIZE, HIGH BREAKDOWN VOLTAGE 小巧轻盈,小安装尺寸,高击穿电压
|
NEC Corp. NEC, Corp.
|
MGW152415 MG30 MGS152415 MGF15 |
When compared to conventional models (our ZU series), downsizing and light-weighted system are achieved. Compact and general use type Isolated type DC-DC converter
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
P3257-30 P3257-31 P2750-06 P2750-08 P325707 P3981- |
MCT photoconductive detector Non-cooled type and TE-cooled type suitable for long, continuous operation
|
Hamamatsu Corporation
|
SPVF |
Two-way Operation Type
|
ALPS ELECTRIC
|
SPVT230101 SPVT110201 SPVT130201 SPVT120201 |
1.9mm-thick Two-way Operation Type
|
ALPS ELECTRIC CO.,LTD.
|
EDS3-132C |
COMPACT TYPE GAS ANALYZER
|
Fuji Electric
|
C3866 C6465 |
COMPACT BENCH-TOP TYPE
|
HAMAMATSU[Hamamatsu Corporation]
|