Part Number Hot Search : 
K10101TA 3KP15CA HD74LV 593802 SPD5806S M54537FP C4001 TA1814A
Product Description
Full Text Search

SKHCBGA010 - 12mm Square(Snap-in Type)

SKHCBGA010_4608491.PDF Datasheet


 Full text search : 12mm Square(Snap-in Type)


 Related Part Number
PART Description Maker
SML-LX4747MWC-TR10 12mm x 12mm SURFACE MOUNT LED, WARM WHITE
http://
TL1100EF160QGRY TL1100EF160RGRY TL1100BF260QGRY TL TACT SWITCHES - 12mm x 12mm
E-SWITCH
ELLCTP221MB ELLCTP102MB ELLCTP151MB Power Inductors for Consumer - Magnetic shielded Ferrite core type(12mm)
Panasonic
101251228 101251248 101251028 101251238 101250618 EINSCHRAUBVERBIND GERADE 12MM G0.25
EINSCHRAUBVERBIND GERADE 12MM G0.5
EINSCHRAUBVERBIND GERADE 10MM G0.25
EINSCHRAUBVERBIND GERADE 12MM G0.375
EINSCHRAUBVERBIND GERADE 6MM G0.125
EINSCHRAUBVERBIND GERADE 6MM G0.25
EINSCHRAUBVERB GER O RING 4MM M5 EINSCHRAUBVERB胃食管反毫米M5的O型圈
Crystek, Corp.
39100-1002 39100-1003 39100-1004 39100-1005 39100- 391001306
12MM LOW PROFILE W/WIRE PROTEC 3 ASY
12MM LOW PROFILE W/WIRE PROTEC 7 ASY
12MM LOW PROFILE W/WIRE PROTEC 9 ASY
Terminal Block; No. of Positions:10; Pitch Spacing:0.472"; Wire Size (AWG):20-8; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
CONN TERMINAL STRIP 3POS 15MM 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
CONN TERMINAL STRIP 3POS 12MM 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
Terminal Block; No. of Positions:10; Pitch Spacing:0.591"; Wire Size (AWG):14-6; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp RoHS Compliant: Yes 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
Terminal Block; Number of Positions:10; Pitch Spacing:0.394"; Wire Size (AWG):18-10; Mounting Type:Screw; Terminal Block Clamp Type:Screw Clamp 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
8.00mm (.315? Pitch 10.00mm (.394? Pitch 12.00mm (.472? Pitch 15.00mm (.591? Pitch Eurostyle? Two-Screw Terminal Strip
10MM HIGH PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
15MM HIGH PROFILE W/WIRE PROTEC 11 ASY 63 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
10MM LOW PROFILE W/WIRE PROTEC 11 ASY 30 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
12MM LOW PROFILE W/WIRE PROTEC 11 ASY 40 A, BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
8.00mm (.315隆卤) Pitch 10.00mm (.394隆卤) Pitch 12.00mm (.472隆卤) Pitch 15.00mm (.591隆卤) Pitch Eurostyle垄莽 Two-Screw Terminal Strip
MOLEX INC
Molex, Inc.
Molex Electronics Ltd.
3.5000MP43050-101260 3.5000MP53050-101260 12mm x 4.5mm SMD
EUROQUARTZ limited
SSI-LXMP5011SIC150 12mm SQUARE PANEL INDICATOR WITH LENS
LUMEX INC.
SSI-LXMP5011IC-150 12mm SQUARE PANEL INDICATOR WITH LENS
LUMEX INC.
SSI-LXMP5011SUGC15 12mm SQUARE PANEL INDICATOR WITH LENS
LUMEX INC.
IFRM18P37G3/S14L PROXIMITY SENSOR-INDUCTIVE, 12-12mm, 200mA, CYLINDRICAL
3M Company
296UA252A1B 296HA252A1B 296HA252A1C 296XA252A1B 29 Commercial 12mm Diameter Composition Variable Resistors
CTS[CTS Corporation]
 
 Related keyword From Full Text Search System
SKHCBGA010 gate SKHCBGA010 ac/dc eurocard SKHCBGA010 enhancement SKHCBGA010 single SKHCBGA010 Bit
SKHCBGA010 state diagram SKHCBGA010 Iconline SKHCBGA010 Pin SKHCBGA010 dropout SKHCBGA010 中文
 

 

Price & Availability of SKHCBGA010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.0588910579681