PART |
Description |
Maker |
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
GMS90C31 GMS90L32 GMS90C32 GMS90C58 GMS90L31 GMS90 |
8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,256字节RAM,低电 8-Bit CMOS Microcontrollers( 高性价比的51单片,片内无ROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontroller(8位CMOS 微控制器) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内无ROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,工作电压5V) 8-BIT SINGLE CHIP MICROCONTROLLERS 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KROM,128字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KROM,256字节RAM,工作电压5V) 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内8KEPROM,256字节RAM,低电 8-Bit CMOS Microcontrollers(高性价比的51单片机,片内4KEPROM,128字节RAM,低电
|
Hyundai
|
C505CAROM/ROMLESSTYPES SAK-C505A-2RM SAB-C505A-4RM |
8-bit Microcontroller with Complete CAN Capability 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with mask-programmable ROM, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (20MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller with OTP memory, with CAN (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory, with CAN (16MHz)
|
Infineon
|
P89LPC915FDH P89LPC916FDH P89LPC917FDH P89LPC917FD |
8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter; Package: SOT403-1 (TSSOP16) 8-BIT, FLASH, 18 MHz, MICROCONTROLLER, PDSO16 P89LPC915/916/917; 8-bit microcontrollers with accelerated two-clock 80C51 core 2 kB 3 V Flash with 8-bit A/D converter
|
NXP Semiconductors N.V. Philips
|
SAB80C535-N-T40/85 SAB80C515-M-T40/85 SAB80C515-N- |
High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-PDIP -55 to 125 High Speed CMOS Logic Quad 2-Input Multiplexers with Non-Inverting 3-State Outputs 16-SOIC -55 to 125 8-Bit CMOS Single-Chip Microcontroller 8-BIT, MROM, 12 MHz, MICROCONTROLLER, PQCC68 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (12MHz) 8-Bit Microcontrollers - 8-Bit CMOS Microcontroller for external memory (16 MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory (16MHz) 8-Bit Microcontrollers - 8-Bit CMOS microcontroller for external memory(12MHz)
|
Siemens Semiconductor Group SIEMENS AG http:// Infineon Siemens Semiconductor G...
|
PIC16C771-04I/P PIC16C771-04I/JW PIC16C771-20I/P P |
18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器10/12-Bit的A / D 18/20-Pin, 8-Bit CMOS Microcontrollers with 10/12-Bit A/D 18/20-Pin位CMOS微控制器0/12-Bit的A / D IC-SM-8-BIT MCU
|
Microchip Technology, Inc. Microchip Technology Inc. http://
|
LPC2102FBD48 LPC2102FHN48 LPC2101 LPC2101FBD48 LPC |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
NXP Semiconductors
|
LPC2103FA44 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
NXP Semiconductors
|
LPC2101 LPC2101FBD48 LPC2102 LPC2102FBD48 LPC2103 |
Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP, fast ports and 10-bit ADC
|
PHILIPS[Philips Semiconductors]
|
DS89C430-MNL DS87C520-QCL MAX7310AUE DS5250F-1N5 D |
Ultra-High-Speed Flash Microcontrollers 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PDIP40 EPROM/ROM High-Speed Microcontrollers 8-BIT, OTPROM, MICROCONTROLLER, PQCC44 2-Wire-Interfaced 8-Bit I/O Port Expander with Reset 8 I/O, PIA-GENERAL PURPOSE, PDSO16 High-Speed Secure Microcontroller 8-BIT, 25 MHz, MICROCONTROLLER, PQFP100 High-Speed Secure Microcontroller 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PQFP100 Ultra-High-Speed Flash Microcontrollers 8-BIT, FLASH, 33 MHz, MICROCONTROLLER, PQCC44 128k Soft Microprocessor Chip 8-BIT, 16 MHz, MICROCONTROLLER, PQFP80 SPECIALTY MICROPROCESSOR CIRCUIT, PQFP48 SPECIALTY MICROPROCESSOR CIRCUIT, PDIP14 8-BIT, 75 MHz, MICROCONTROLLER, PQFP100 SPECIALTY MICROPROCESSOR CIRCUIT, PDIP20 SPECIALTY MICROPROCESSOR CIRCUIT, PDIP16 8-BIT, 16 MHz, MICROCONTROLLER, SMA72 128k Soft Microcontroller Module 8-BIT, MICROCONTROLLER, SMA72 8-BIT, 12 MHz, MICROCONTROLLER, SMA72 8-BIT, 12 MHz, MICROCONTROLLER, PDIP40 8-BIT, 16 MHz, MICROCONTROLLER, DMA40 8-BIT, 12 MHz, MICROCONTROLLER, SMA40 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PQFP44 8-BIT, MROM, 25 MHz, MICROCONTROLLER, PDIP40
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC DALLAS SEMICONDUCTOR
|
LPC2387FBD100 LPC2387 |
Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
|
NXP Semiconductors
|
|