PART |
Description |
Maker |
FDS8333C |
30V N & P-Channel PowerTrench MOSFETs 4.1 A, 30 V, 0.08 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET 30V N & P-Channel PowerTrench MOSFETs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDC855N |
30V Single N-Channel, Logic Level, PowerTrench MOSFET; Package: SSOT-6; No of Pins: 6; Container: Tape & Reel 6100 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, MO-193AA Single N-Channel, Logic Level, PowerTrench㈢ MOSFET 30V, 6.1A, 27mヘ Single N-Channel, Logic Level, PowerTrench? MOSFET 30V, 6.1A, 27mΩ
|
Fairchild Semiconductor, Corp.
|
FDD6690S |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 40A I(D) | TO-252AA 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor
|
FDB8160 FDB8160-F085 FDB8160F085 |
30V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 30V, 80A, 1.8mΩ
|
Fairchild Semiconductor
|
FDS887607 FDS8876 |
N-Channel PowerTrench? MOSFET 30V, 12.5A, 8.2mΩ N-Channel PowerTrench庐 MOSFET 30V, 12.5A, 8.2m惟 N-Channel PowerTrench㈢ MOSFET 30V, 12.5A, 8.2mヘ
|
Fairchild Semiconductor
|
FDS6690AS08 FDS6690AS |
30V N-Channel PowerTrench㈢ SyncFET⑩ 30V N-Channel PowerTrench庐 SyncFET??/a> 30V N-Channel PowerTrench? SyncFET?/a>
|
Fairchild Semiconductor
|
FDMC7660 |
N-Channel PowerTrench? MOSFET 30 V, 20 A, 2.2 mΩ 30V N-Channel PowerTrench® MOSFET; 8-Power-33; Tape and Reel
|
FAIRCHILD SEMICONDUCTOR CORP
|
FDMS9620S |
Dual N-Channel PowerTrench? MOSFET Q1: 30V, 16A, 21.5mΩ Q2: 30V, 18A, 13mΩ Dual N-Channel PowerTrench㈢ MOSFET Q1: 30V, 16A, 21.5mヘ Q2: 30V, 18A, 13mヘ
|
Fairchild Semiconductor
|
FDD8896 FDD8896NL FDU8896 |
30V N-Channel PowerTrenchMOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor
|
FDS7066SN3 |
30V N-Channel PowerTrench SyncFET 30V N-Channel PowerTrench SyncFET
|
FAIRCHILD[Fairchild Semiconductor]
|
S12NF30L STS12NF30L STS12NF30L_07 STS12NF30L07 -S1 |
30V N-Channel PowerTrench MOSFET N-channel 30V - 0.008ohm - 12A SO-8 STripFET II Power MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FDS6990AS FDS6990AS_NL FDS6990ASNL |
Dual 30V N-Channel PowerTrench SyncFET 7500 mA, 30 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|