PART |
Description |
Maker |
IRFI830G IRFI830GPBF |
500V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=500V Rds(on)=1.5ohm Id=3.1A) HEXFET? Power MOSFET Power MOSFET(Vdss=500V/ Rds(on)=1.5ohm/ Id=3.1A) Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A) 功率MOSFET(减振钢板基本\u003d 500V及的Rdson)\u003d 1.5ohm,身份证\u003d 3.1A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFI740GLC IRFI740GLCPBF |
Power MOSFET(Vdss=400V/ Rds(on)=0.55ohm/ Id=5.7A) Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A) HEXFET? Power MOSFET 400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
IRF[International Rectifier]
|
IRFI740G IRFI740 IRFI740GPBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A) HEXFET? Power MOSFET Power MOSFET(Vdss=400V/ Rds(on)=0.55ohm/ Id=5.4A)
|
IRF[International Rectifier]
|
IRF1730G IRFI730G IRFI730GPBF |
400V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=400V, Rds(on)=1.0ohm, Id=3.7A) Power MOSFET(Vdss=400V/ Rds(on)=1.0ohm/ Id=3.7A)
|
IRF[International Rectifier]
|
IRF9Z14S IRF9Z14L IRF9Z14STRL IRF9Z14STRR |
Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-6.7A) 功率MOSFET(减振钢板基本\u003d- 60V的,的Rds(on)\u003d 0.50ohm,身份证\u003d- 6.7A Power MOSFET(Vdss=-60V/ Rds(on)=0.50ohm/ Id=-6.7A) HEXFET? Power MOSFET -60V Single P-Channel HEXFET Power MOSFET in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRF9540NSPBF IRF9540NLPBF IRF9540NSTRLPBF IRF9540N |
HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117mヘ , ID = -23A ) HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117mΩ , ID = -23A ) Advanced Process Technology
|
International Rectifier
|
IRF1104PBF IRF1104PBF-15 |
HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009Ω , ID = 100A ) HEXFET POWER MOSFET ( VDSS = 40V , RDS(on) = 0.009ヘ , ID = 100A ) Advanced Process Technology
|
International Rectifier
|
IRF6215LPBF IRF6215SPBF IRF6215RLPBF |
Advanced Process Technology HEXFET POWER MOSFET ( VDSS=-150V , RDS(on)=0.29ヘ , ID=-13A ) HEXFET POWER MOSFET ( VDSS=-150V , RDS(on)=0.29Ω , ID=-13A )
|
Vishay Siliconix International Rectifier
|
IRFR5505 IRFU5055 IRFU5505 IRFRU5505 IRFR5505PBF I |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) -55V Single P-Channel HEXFET Power MOSFET in a I-Pak package -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package Power MOSFET(Vdss=-55V, Rds(on)=0.11ohm, Id=-18A) HEXFET? Power MOSFET
|
IRF[International Rectifier] http://
|
IRFR9210N IRFRU9120N IRFU9120N FR9120N |
P Channel Surface Mount HEXFET Power MOSFET(P娌??琛ㄨ创??EXFET???MOS?烘?搴??) Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.6A) 功率MOSFET(减振钢板基本\u003d- 100V的,的Rds(on)\u003d 0.48ohm,身份证\u003d- 6.6A P Channel Straight Lead HEXFET Power MOSFET(P沟道HEXFET功率MOS场效应管) P通道直铅HEXFET功率MOSFET的性(P沟道的HEXFET功率马鞍山场效应管) P Channel Straight Lead HEXFET Power MOSFET(P娌??HEXFET???MOS?烘?搴??)
|
IRF International Rectifier, Corp.
|
IRFR214 IRFU214 |
250V Single N-Channel HEXFET Power MOSFET in a I-Pak package HEXFET? Power MOSFET Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
|
IRF[International Rectifier]
|