PART |
Description |
Maker |
HD4046212R HD4046212RFS HD4046212RH HD4046212RTF H |
AS Microcomputer Incorporating a DTMF Generator Circuit
|
Renesas Electronics Corporation
|
HD4074629 HD404629RH |
AS Microcomputer Incorporating a DTMF Generator Circuit(微计算机带双音多频发生器电路) 4-Bit Microcontroller 4位微控制
|
Hitachi,Ltd. Sumida, Corp.
|
AN6448NFBP |
Speech Network IC Incorporating Cross-Point Switch
|
PANASONIC[Panasonic Semiconductor]
|
FT232R |
Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
|
FTDI
|
LV23015T |
Bi-CMOS IC For Mini Component, receiver 1-chip Tuner IC Incorporating PLL
|
Sanyo Semicon Device
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
MN103SF92GBL MN103S927 MN103S92A |
MICROCOMPUTER LSI 32-BIT, MROM, 10 MHz, MICROCONTROLLER, PQFP64 Microcomputer - 32bit - General Purpose
|
Panasonic, Corp. Panasonic Semiconductor
|
UPD750008 UPD750008CUA-XXX UPD750008CU-XXX UPD7500 |
75XL series 4B-pin microcomputer on-chip ROM (8Kx8) & RAM(512x4) 4-bit single-chip microcomputer
|
NEC
|
TMP86FH92DMG |
8-bit microcontroller incorporating Flash memory, power-on reset circuit and voltage detecting circuit in 30-pin SSOP
|
Toshiba Semiconductor
|