PART |
Description |
Maker |
357B0102MXB251S22 357B2202MAB251S22 357B0502MAB251 |
Model 357 7/8" (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type POT 5.0K OHM 20% SINGLE TURN POT 10K OHM 20% SINGLE TURN POT 1.0K OHM 20% SINGLE TURN POT 20K OHM 20% SINGLE TURN
|
Vishay Spectrol
|
RJC06WB100K RJC06WB100M RJC06PB101K RJC06PB101M RJ |
1/4隆卤 Round, Single-Turn, Through-Hole Sealed Cermet Trimmers 1/4 Round, Single-Turn, Through-Hole Sealed Cermet Trimmers
|
TOCOSAMERICA, INC.
|
TYM-200-10 TYM-500-10 TYM-100K-10 TYM-100-10 TYM-2 |
RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 200 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 500 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 100 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 2000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 500000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 1000000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 20 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 200000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 20000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 50000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 10000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 5000 ohm RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 10 ohm
|
Vishay Intertechnology, Inc.
|
91C1A-D20-B15 91C1D-D20-E10 91C1A-D24-B20 91A1D-B2 |
PANEL CONTROL - 5/8" (16MM) ST-CP RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.5 W, 10000 ohm Panel Mount Potentiometers 5/8" 1K 10% Square Single Turn RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.5 W, 1000 ohm Panel Mount Potentiometers 5/8" 100K 20% Square Single Turn RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.5 W, 100000 ohm Panel Mount Potentiometers 5/8" 10K 10% Square Single Turn RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.5 W, 10000 ohm RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.25 W, 25000 ohm 5/8 INCH, SQUARE, 3 PINS RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.5 W, 10000 ohm 5/8 INCH, SQUARE, 3 PINS Panel Mount Potentiometers 5/8" 10K 20% Square Single Turn RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.25 W, 10000 ohm Panel Mount Potentiometers 5/8" 10K 10% Square Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 10000 ohm Panel Mount Potentiometers 5/8" 10K 10% Square Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 1 W, 10000 ohm Panel Mount Potentiometers 5/8" 100K 10% Square Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 100000 ohm Panel Mount Potentiometers 5/8" 5K 10% Square Single Turn RESISTOR, POTENTIOMETER, CERMET, 1 TURN(S), 2 W, 5000 ohm
|
Bourns, Inc. Ironwood Electronics
|
20215BNRST6 3362R101 3362R203 3362R501 3362R502 33 |
7×7.2 Square/Single Turn/Trimming Potentiometer 7】7.2 Square/Single Turn/Trimming Potentiometer 20 Character by 2 Line Alphanumeric LCD Assembly With COG Controller No internal backlight assembly, must be external
|
http:// DBLECTRO[DB Lectro Inc]
|
3329X 3329X254 |
6.8B>4.7 Circularity/ Single Turn /Trimming Potentiometer 6.8.7 Circularity/ Single Turn /Trimming Potentiometer 6.8.7单转/微调电位
|
DB Lectro Inc. DB Lectro, Inc.
|
6639S-1-202 |
PRECISION POT-7/8" 22MM 1 TURN CP RESISTOR, POTENTIOMETER, 1 TURN(S), 1 W, 2000 ohm
|
Bourns, Inc.
|
TSS12G47S TSS12J47S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR
|
TOSHIBA
|
TSS3J45S TSS3G47S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR
|
TOSHIBA
|
TSS1J48S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR
|
TOSHIBA
|
3309W-2-103 3309W-3-103 3309-9 3309W-1-103 3309W-2 |
TRIMMER - 9MM RD ST CERMET OPEN FRAME RESISTOR, TRIMMER, CERMET, 1 TURN(S), 0.5 W, 500 ohm Round Trimming Potentiometer
|
Bourns, Inc. BOURNS[Bourns Electronic Solutions]
|
|