PART |
Description |
Maker |
EM643FV16FU |
256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc
|
EM641FP16 |
256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
|
Emerging Memory & Logic Solutions Inc
|
K6F2016U4D K6F2016U4D-F K6F2016U4D-FF55 K6F2016U4D |
128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
SAMSUNG[Samsung semiconductor]
|
CMP0417AA0-F70I CMP0417AA0-I |
256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
HY62UF16800B |
x16|3V|55/70/85|Super Low Power Slow SRAM - 8M x16 | 3V的| 55/70/85 |超级低功耗SRAM的速度 800
|
Alpha Industries, Inc.
|
KM68FS2000 |
256Kx8 Bit Super Low Power and Low Voltage Full CMOS Static RAM(256K x 8位超低功耗和低电压CMOS 静RAM)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
EM610FV16BW-12S EM610FV16BW-85L EM610FV16BW-85S EM |
64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM 64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
http:// Emerging Memory & Logic Solutions Inc Emerging Memory & Logic Sol... Emerging Memory & Logic...
|
AM29SL400CT100REI AM29SL400CT150WAF AM29SL400CB120 |
CAP 150UF 4V 20% TANT SMD-7343-30 TR-7 M16C Series, 6N4 Group, 3-ch IEBus, 3-phase PWM, CRC 100P6Q-A; Vcc= 3.0 to 5.5 volts, Temp= -40 to 85 C; Package: PLQP0100KB-A High Speed CMOS Logic Octal Inverting Bus Transceiver with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal InvertingTransparent Latch with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic Octal Positive-Edge Triggered D-Type Flip-Flops with 3-State Outputs 20-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 High Speed CMOS Logic 12-Stage Binary Counter 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 150 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 120 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 110 ns, PDSO48 High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 16-CDIP -55 to 125 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PBGA48 4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory 256K X 16 FLASH 1.8V PROM, 100 ns, PDSO48
|
Spansion Inc. Spansion, Inc. Xicon Passive Components Amphenol, Corp.
|
K6F1016U4B K6F1016U4B-F K6F1016U4B-FF55 K6F1016U4B |
64K X 16 STANDARD SRAM, 55 ns, PBGA48 64K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
|
SAMSUNG[Samsung semiconductor]
|
HY62SF16404E |
High speed, super low power and 4M bit full CMOS SRAM organized as 256K words by 16bits
|
HYNIX
|
HY62UF16406C |
High speed, super low power and 4M bit full CMOS SRAM organized as 256K words by 16bits
|
HYNIX
|