PART |
Description |
Maker |
DL-5335AR-C530-HFAS DL-5345AR-C530-HFAS DL-5355AR- |
Uncooled 1470 ~ 1610 nm CWDM MQW-DFB LD for CATV return path application
|
http:// Optoway Technology Inc
|
TPIC-10410-A1 |
Uncooled LR4 4x10Gb/s, 1310nm CWDM TOSA
|
AVAGO TECHNOLOGIES LIMI...
|
DL-5340-C310-VXS DL-5345-C310-VX DL-5345-C310-VXS |
1270 nm ~ 1610 nm DFB LD MODULES CWDM MQW-DFB LD PIGTAIL 1270纳米1610纳米半导体激光器模块波分复用量子阱半导体激光器尾纤
|
Optoway Technology Inc. Optoway Technology, Inc.
|
DL-5525-C410-SBS DL-5525-C410-SS DL-5525-C410-TS D |
1270 nm ~ 1610 nm DFB LD MODULES 1.25 Gbps CWDM MQW-DFB LD RECEPTACLE
|
Optoway Technology Inc
|
NX8510UD61 NX8510UD51 NX8510UD53 NX8510UD55 NX8510 |
InGaAsP MQW-DFB TOSA for 2.5 Gb/s CWDM application. Wavelength(typ) 1610 nm. InGaAsP MQW-DFB TOSA for 2.5 Gb/s CWDM application. Wavelength(typ) 1510 nm. InGaAsP MQW-DFB TOSA for 2.5 Gb/s CWDM application. Wavelength(typ) 1530 nm. InGaAsP MQW-DFB TOSA for 2.5 Gb/s CWDM application. Wavelength(typ) 1550 nm. InGaAsP MQW-DFB TOSA for 2.5 Gb/s CWDM application. Wavelength(typ) 1570 nm. InGaAsP MQW-DFB TOSA for 2.5 Gb/s CWDM application. Wavelength(typ) 1590 nm.
|
NEC
|
A371-20BS A371-20GS A371 A371-24NS A371-20AS A371- |
A371-Type Analog Uncooled Isolated DFB FastLight ?Laser Module A371-Type Analog Uncooled Isolated DFB FastLight Laser Module A371-Type Analog Uncooled Isolated DFB FastLight ⑩ Laser Module Circular Connector; No. of Contacts:4; Series:; Body Material:Aluminum Alloy; Connecting Termination:Crimp; Connector Shell Size:8; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:8-4 KPT 12C 8#20 4#16 PIN PLUG A371-Type Analog Uncooled Isolated DFB FastLight Laser Module A371型模拟制冷隔离足协FastLight⑩激光模
|
http:// AGERE[Agere Systems]
|
A370-10F A370-10B A370-11A A370-10G A370-11F A370 |
A370-Type Analog Uncooled Laser Module Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:8-2 Analog Uncooled Laser Module 模拟非致冷激光模
|
AGERE[Agere Systems] Lineage Power, Corp.
|
MU4-940-04 |
4W 940nm Uncooled Multimode Laser Diode Module
|
Bookham, Inc.
|
FL-5320S-VS FL-5310S-VS FL-5300S-VS FL-5310S-HF FL |
1550 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
|
Optoway Technology Inc.
|