PART |
Description |
Maker |
MRM8 |
Voltage : 300V 8A 2P 3P 5.0mm
|
Eldeco Srl
|
ISPLSI1024 ISPLSI1024EA-200LT100 1024EA ISPLSI1024 |
200 MHz in-system prommable high density PLD Shielded Paired Cable; Number of Conductors:8; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:4; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes In-System Programmable High Density PLD 100 MHz in-system prommable high density PLD
|
Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor] http://
|
WP06R WP06R12D05 WP06R12D12 WP06R12D15 WP06R12S05 |
High Density 5-6 Watt Wide Input Range DC/DC Converter 5-6 WATT HIGH DENSITY, WIDE INPUT RANGE DC/DC CONVERTER 5-6 WATT HIGH DENSITY/ WIDE INPUT RANGE DC/DC CONVERTER RECTIFIER SCHOTTKY SINGLE 2A 40V 50A-Ifsm 0.55Vf 0.5A-IR PowerDI-123 3K/REEL
|
CANDD[C&D Technologies]
|
ISPLSI2096E-100LQ128 ISPLSI2096E-100LT128 ISPLSI20 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFAST?/a> High Density PLD In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP128 In-System Programmable SuperFAST??High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor, Corp. LATTICE SEMICONDUCTOR CORP
|
ISPLSI2128E-100LT176 ISPLSI2128E-135LT176 ISPLSI21 |
In-SystemProgrammableSuperFASTHighDensityPLD In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 In-System Programmable SuperFAST High Density PLD In-System Programmable SuperFAST⑩ High Density PLD In-System Programmable SuperFAST?/a> High Density PLD
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation LATTICE[Lattice Semiconductor]
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
ISPLSI1032 ISPLSI1032-60LG_883 ISPLSI1032-80LJ ISP |
In-System Programmable High Density PLD EE PLD, 17 ns, PQCC84 High-Density Programmable Logic
|
Lattice Semiconductor, Corp. LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation
|
IDT72V2103L10PF IDT72V2113L10PFI IDT72V2113L7-5BCI |
3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 10 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 128K X 18 OTHER FIFO, 6.5 ns, PQFP80 3.3 VOLT HIGH-DENSITY SUPERSYNC II NARROW BUS FIFO 3.3伏高密度SUPERSYNC二窄总线先进先出 Octal bus transceiver/register (3-State) - Description: Transceiver/Register (3-State) ; Fmax: 350 MHz; Logic switching levels: TTL ; Number of pins: 24 ; Output drive capability: -32/ 64 mA ; Propagation delay: 4.4 ns; Voltage: 4.5-5.5 V
|
Integrated Device Technology, Inc.
|
ISPLSI5512VA-70LB388 ISPLSI5512VA-70LB272 ISPLSI55 |
Electrically-Erasable Complex PLD In-System Programmable 3.3V SuperWIDEHigh Density PLD In-System Programmable 3.3V SuperWIDE High Density PLD In-System Programmable 3.3V SuperWIDE?High Density PLD
|
Lattice Semiconductor Corporation
|
SCHJ22.5K SCHJ15K SCHJ45K SCHJ37.5K |
High Voltage,High Density Standard Recovery Rectifier(反向电压45000V,温5℃时平均整流电流50mA,高压,高密度,标准恢复整流器) 高电压,高密度标准恢复整流(反向电压45000V,温5℃时平均整流电流0mA,高压,高密度,标准恢复整流器) High Voltage,High Density Standard Recovery Rectifier(反向电压37500V,温5℃时平均整流电流50mA,高压,高密度,标准恢复整流器) High Voltage,High Density Standard Recovery Rectifier(反向电压22500V,温5℃时平均整流电流50mA,高压,高密度,标准恢复整流器) STANDARD RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY
|
Semtech Corporation
|