PART |
Description |
Maker |
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
DB35-00506 DB35-10 DB35-01 |
Three-Phase Si-Bridge Rectifiers 3 PHASE, 35 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE CMOS, Low Voltage, Single 8 to 1 Multiplexer 3 PHASE, 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE
|
Semikron International
|
DBF150 DBF150C DBF150G |
Silicon Diffused Junction Type 15A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
DBB04 DBB04C |
Diffused Junction Silicon Diode 0.4A Single-Phase Bridge Rectifier Single-Phase Bridge Rectifying Diodes
|
SANYO[Sanyo Semicon Device]
|
VHF28-16IO5 VHF28-08IO5 VHF28-12IO5 VHF28-14IO5 |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode
|
IXYS[IXYS Corporation]
|
VBE100-06NO7 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED) 100 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE
|
IXYS[IXYS Corporation] IXYS, Corp.
|
BR86DL BR88DL BR805DL BR810DL BR81DL BR82DL BR84DL |
2.0A, 1000V ultra fast recovery rectifier 2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 2 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
VBO55 VBO55-08NO7 VBO55-14NO7 VBO55-18NO7 VBO55-16 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges SINGLE PHASE RECTIFIER BRIDGE
|
IXYS Corporation
|
VBO105-08NO7 VBO105-12NO7 VBO105-14NO7 VBO105 VBO1 |
Single Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
http:// IXYS Corporation
|