PART |
Description |
Maker |
CLC3603 CLC3603ISO16 CLC3603ISO16X CLC3613ISO14 CL |
Single and Triple, 1.1mA, 200MHz Amplifiers
|
Cadeka Microcircuits LLC.
|
MAX4182 MAX4180-MAX4187 MAX4180 MAX4181 MAX4183 MA |
Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown From old datasheet system " Dual, 270MHz, 1mA, SOT23, Current-Feedback Amplifier (Av=2)"
|
MAXIM - Dallas Semiconductor
|
BP5086A20S |
AC100V input, output-1 :4V/1mA, output-2 : 20V/160mA AC100V输入,输4V/1mA,输0V/160mA
|
Rohm Co., Ltd. ROHM[Rohm]
|
EL2170 EL2170CS-T13 EL2170CS-T7 EL2170CW-T3 EL2170 |
Op Amp, 70MHz, 1mA Low Power, Current Feedback, 100mA Drive Op Amp, Quad 70MHz, 1mA Low Power, Current Feedback, 55mA Drive 70MHz/1mA Current Mode Feedback Amplifiers 1 CHANNEL, VIDEO AMPLIFIER, PDSO5
|
Intersil Corporation Intersil, Corp.
|
MIC5374-SJG1YMT MIC5384-MG44YMT |
Triple 200mA μCap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF?
|
Micrel Semiconductor
|
MAX4180EUT |
Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX4181EUT |
Single/Dual/Quad / 270MHz / 1mA / SOT23 / Current-Feedback Amplifiers with Shutdown
|
Maxim
|
AD8188Z-EVALZ AD8189Z-EVALZ AD8188ARUZ-RL AD8189AR |
350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers TRIPLE 1-CHANNEL, VIDEO MULTIPLEXER, PDSO24
|
Analog Devices, Inc.
|
2SK3377 2SK3377-Z D14328EJ1V0DS00 |
Switching N-channel power MOS FET industrial use N沟道 开关功率场效应晶体工业 DIODE SCHOTTKY SINGLE 30V 150mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-523 3K/REEL From old datasheet system
|
NEC, Corp. NEC Corp.
|
24LC02B-/P 24LC02B-I/SM 24LC01B-I/P 24LC01B-I/ST 2 |
Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs Stand-Alone OCV-Based Fuel Gauge Stand-Alone Fuel Gauge IC Low Power Transceiver Chip Evaluation Board/Evaluation System for the DS28CM00 I2C/SMBus Silicon Serial Number Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers I2C/SMBus Silicon Serial Number 1-Wire Digital Potentiometer Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1 I2C Serial EEPROM I2C串行EEPROM
|
Microchip Technology, Inc.
|
CX28331 CX28332-3X CX28333-3X CX28333-1X CX28332-1 |
(CX28332 / CX28333) Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit E3/DS3/STS-1线路接口单元 Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit DATACOM, PCM TRANSCEIVER, PQFP100 Single/Dual/Triple E3/DS3/STS-1 Line Interface Unit DATACOM, PCM TRANSCEIVER, PQFP80
|
Conexant Systems, Inc.
|
ADP1173AN-12 ADP1173AN-33 ADP1173AR-33 ADP1173 ADP |
Micropower DC-DC Converter RECTIFIER SCHOTTKY SINGLE 1A 80V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/AMMO 1.5 A SWITCHING REGULATOR, 32 kHz SWITCHING FREQ-MAX, PDIP8 RECTIFIER SCHOTTKY DUAL 40A 60V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 1A 90V 25A-ifsm 0.8V-vf 0.5mA-ir DO-41 5K/REEL-13
|
http:// Analog Devices, Inc.
|