PART |
Description |
Maker |
BR66 BR68 BR605 BR61 BR610 BR64 BR62 |
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS ROM Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 12V; Output Voltage (Vdc): 15V; Power: 1W; Micro Size SIP4 Package; 3kVDC SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS 单相6.0放大器桥式整流器
|
FORMOSA[Formosa MS] 美丽微半导体有限公司 Formosa Microsemi Co., Ltd.
|
2-794622-4 |
3mm Centerline, 250V, 5 A max. ( Micro MATE-N-LOK ) Connectors; 24POS MICRO MNL ASSY,R/A,SMT ( AMP )
|
Tyco Electronics
|
FAN7390M1X |
Half Bridge Gate Driver; Package: SOP; No of Pins: 14; Container: Tape & Reel HALF BRIDGE BASED PRPHL DRVR, PDSO14
|
Fairchild Semiconductor, Corp.
|
533091-7 |
AMP-HDI ( Four Beam ) & TBC ( Twin Beam ) Connectors; HDI PIN ASSY 2 ROW 80 POS ( AMP )
|
Tyco Electronics
|
CBR1-D100S CBR1-D060S CBR1-D040S CBR1-D020S |
1.0 AMP Dual in Line Bridge Rectifier(重复峰值反向电00V,1.0 A双列直插桥式整流 1.0 AMP Dual in Line Bridge Rectifier(重复峰值反向电60V,1.0 A双列直插桥式整流 1.0 AMP Dual in Line Bridge Rectifier(重复峰值反向电100V,1.0 A双列直插桥式整流 1.0 AMP Dual in Line Bridge Rectifier(重复峰值反向电0V,1.0 A双列直插桥式整流 1.0 AMP Dual in Line Bridge Rectifier(???宄板?????靛?0V,1.0 A????存?妗ュ??存???
|
Central Semiconductor Corp.
|
HIP2100EIB HIP2100EIBZ HIP2100IBZ HIP2100IR HIP210 |
100V/2A Peak High-Frequency Half Bridge Driver with CMOS Logic Inputs; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R 2 A HALF BRDG BASED MOSFET DRIVER, DSO12 100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
SB01W05S |
Schottky Barrier Diode (Twin Type Cathode Common) 50V, 100mA Rectifier Small signal(twin type)
|
Sanyo Semiconductor
|
FB3510L FB3500 FB3500L FB3501 FB3501L FB3502 FB350 |
Bridge Rectifiers (Power) 桥式整流器(电力 35 Amp. Glass Passivated Bridge Rectifier
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] Fagor
|
ABS2 ABS10 ABS8 ABS4 ABS6 |
Bridge: Standard Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers 单相1.0安培。玻璃钝化整流桥
|
Taiwan Semiconductor ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
TL431AIDM TL431B TL431A TL431 TL431ACDM TL431ACLP |
PRECISION PROGRAMMABLE REFERENCES EMI//RFI Multipurpose Power Line Filter, 2-Stage, DV Series, 330 kohm Resistance, 5500 pF C y, 3 Amp Current, 0.22 micro F,C 1, 0.22 micro F C 2 From old datasheet system Voltage Reference - Programmable
|
MICROSEMI[Microsemi Corporation]
|