PART |
Description |
Maker |
53261-0671-P 53261-0471-P 53398-0471-P 53261-0271- |
SMT Friction Lock Vertical and Right Angle Header and Receptacle
|
MolexKits
|
0038006734 6410-4AD-C 6410-4A102D-C 38-00-6734 |
2.54mm (.100) Pitch KK? Header, Vertical, with Friction Lock, 4 Circuits, Tin (Sn), Red 2.54mm (.100") Pitch KK庐 Header, Vertical, with Friction Lock, 4 Circuits, Tin (Sn), Red MOLEX Connector
|
Molex Electronics Ltd.
|
53375-0210 0533750210 |
2.50mm (.098) Pitch Mini-Lock?/a> Wire-to-Board Header, Vertical, Friction and Positive Lock, 2 Circuits, Lead-free 2.50mm (.098) Pitch Mini-Lock Wire-to-Board Header, Vertical, Friction and Positive Lock, 2 Circuits, Lead-free
|
Molex Electronics Ltd.
|
22-28-0061 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, with Friction Lock, 6 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Friction Lock, 6 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
22-28-0052 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, with Friction Lock, 5 Circuits, 0.76渭m (30渭) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Friction Lock, 5 Circuits, 0.76μm (30μ) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
22-28-0041 |
2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, with Friction Lock, 4 Circuits, 0.38渭m (15渭) Gold (Au) Selective Plating 2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Friction Lock, 4 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating
|
Molex Electronics Ltd.
|
0022280160 22-28-0160 |
2.54mm (.100) Pitch KK? Header, Breakaway, Vertical, with Friction Lock, 16 Circuits, Tin (Sn) Plating 2.54mm (.100) Pitch KK庐 Header, Breakaway, Vertical, with Friction Lock, 16 Circuits, Tin (Sn) Plating 2.54mm (.100) Pitch KK垄莽 Header, Breakaway, Vertical, with Friction Lock, 16 Circuits, Tin (Sn) Plating
|
Molex Electronics Ltd.
|
53014-0510 57032-5000 57105-6000 50011-8100 51004- |
Friction Lock Vertical Header and Receptacle
|
MolexKits
|
0022112152 A-6373-15A501 22-11-2152 |
2.54mm (.100) Pitch KK? Solid Header, Vertical, with Friction Lock, 15 Circuits, Gold (Au) Plating 2.54mm (.100) Pitch KK垄莽 Solid Header, Vertical, with Friction Lock, 15 Circuits, Gold (Au) Plating MOLEX Connector
|
Molex Electronics Ltd.
|
5096-05C |
7.92mm Pitch SPOX?Header, Vertical, with Friction Lock, 5 Circuits
|
Molex Electronics Ltd.
|
0416710026 A-41671-C04A228 |
3.96mm (.156") Pitch KK庐 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 4 Circuits 3.96mm (.156) Pitch KK? Header, Breakaway, Vertical, Square Pin, with Friction Lock, 4 Circuits
|
Molex Electronics Ltd. http://
|
|