PART |
Description |
Maker |
TXN05 TXN100 TYN40 TYN80K TXN058 TXN05G TXN05K TXN |
THYRISTORS V(drm): 50V; 8A; glass passivated thyristor V(drm): 1000V; 8A; glass passivated thyristor V(drm): 100V; 8A; glass passivated thyristor V(drm): 200V; 8A; glass passivated thyristor V(drm): 400V; 8A; glass passivated thyristor V(drm): 600V; 8A; glass passivated thyristor V(drm): 800V; 8A; glass passivated thyristor
|
STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
1N5394GP 1N5395GP 1N5393GP 1N5399GP 1N5391GP 1N539 |
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 300 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
1N4007LG 1N4004LG 1N4001LG 1N4002LG 1N4002G 1N4007 |
RATINGS AND CHARACTERISTIC CURVES 1.0 AMP.GLASS PASSIVATED RECTIFIERS 1.0 AMP.GLASS钝化整流
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. Hubbell Wiring Device-Kellems 娴???洪??靛??ㄤ欢??????
|
SDB105 SDB107 SDB101 SDB104 SDB106 SDB103 SDB102 |
1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts 1 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE (SDB101 - SDB107) 1 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
RL205G RL207G |
2.0 AMP GLASS PASSIVATED RECTIFIERS
|
UNIOHM CORPORATION
|
1N5408G 1N5404G 1N5407G 1N5400G 1N5401G 1N5402G 1N |
3.0 AMP GLASS PASSIVATED RECTIFIERS
|
BYTES[Bytes]
|
FG10A01 FG10A04 FG10A07 FG10A02 FG10A05 |
10 Amp Glass Passivated Standard Rectifiers
|
First Components International
|
GBPC50005 GBPC5010 |
50 AMP Glass Passivated Bridge Rectifiers
|
SeCoS Halbleitertechnologie GmbH
|
FGP6007 |
60 Amp Glass Passivated Standard Rectifiers
|
First Components International
|
FBI4D7M1 FBI4M7M1 FBI4A7M1 FBI4B7M1 FBI4G7M1 FBI4J |
4 Amp. Glass Passivated Bridge Rectifier
|
http:// List of Unclassifed Manufacturers ETC[ETC]
|
FBI4M5M1 FBI4A5M1 FBI4B5M1 FBI4D5M1 FBI4G5M1 FBI4J |
4 Amp. Glass Passivated Bridge Rectifier
|
List of Unclassifed Manufacturers ETC[ETC]
|