PART |
Description |
Maker |
PSS-01-702 ASTM-D-1622-88 BS2011 DEFSTAN59-103 MIL |
GORE-SHIELD? GS2100 EMI Gasket is a conductive, adhesive backed, EMI gasketing material that is moderately soft and is approved for spacefl ight and military applications.
|
List of Unclassifed Manufacturers
|
249-002 |
Conductive O-Ring
|
Glenair, Inc.
|
440SJ084M10 440SJ084M12 440SJ084M14 440SJ084M16 44 |
EMI/RFI Tinel-Lock Ring Adapter Rotatable Coupling - Standard Profile
|
Glenair, Inc.
|
570T190G21B 570E190LF15B 570S190LF21B 570T190LF09B |
EMI-RFII Crimp-Ring Micro-D Backshell Assembly EMI-RFII Crimp-Ring Micro-D Backshell Assembly
|
Glenair, Inc.
|
64001-1400 64001-1500 19073-0188 19073-0170 19204- |
Nylon Insulated Ring 3 and 4 Way Ring Splice and # 5-6, # 8, # 10, 1/4 Stud Size Ring Terminal with Universal Crimp Tool
|
MolexKits
|
PV18-6R-CY PV18-6R-MY PV18-4R-CY PV18-4R-MY PV18-8 |
22-18 BARREL FUNNELED VINYL INSULATED RING TONGUE, .150(3.81) MAX WIRE INSULATION DIAMETER TERM RING VNYL INS ROHS RoHS Compliant: Yes RING TERMINAL TERM RING VINYL INS RoHS Compliant: Yes RING TERMINAL TERM RING VINYL INS RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):22-18; Stud Size:#8; Insulator Color:Red; Mounting Hole Dia:.17"; Overall Length:0.91"; Overall Width:0.31"; Pack Quantity:1000; Stud/Tab Size:#8 RING TERMINAL
|
PANDUIT CORP. Panduit, Corp.
|
PN14-6RX-C PN22-10R-C |
TERM RING EXP NYL 16-14AWG #6 COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):26-22; Stud Size:#10; Pack Quantity:100 COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Panduit, Corp.
|
P091P-EA25BR100K P092N-FE20AR20K P092S-EC15BR1K P0 |
RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 1000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 500000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 10000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 20000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 10000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 200000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 2000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 5000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 1000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 200000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 100000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 2000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 50000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.025 W, 100000 ohm ROHS COMPLIANT RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.05 W, 50000 ohm ROHS COMPLIANT
|
BI Technologies Corporation BI Technologies, Corp.
|
P090S-14F20CR100K P090 P090L P090L-01F20AR100K P09 |
RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 0.03 W, 10000 ohm ROHS COMPLIANT 9mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element 100,000 Cycle Life Snap-in Clip RoHS Compliant
|
BI Technologies, Corp. BITECH[Bi technologies]
|
19041-0015 |
RING/FLAG KRIMPTITE (C-144-10) 6 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL
|
Molex, Inc.
|
|