PART |
Description |
Maker |
041083053001WG 4108309 041083046001WG 041083050001 |
Power Relay 410 83 3 mm
|
Tyco Electronics
|
M57716M 57716M M57716 |
Silicon Bipolar Power Amplifier for 410-430 MHz 13W Digital Mobile Silicon Biporlar Power Amplifier for 410-430MHz 13W Digital Mobile From old datasheet system Silicon Bipolar Power Amplifier for 410-430MHz 13W Digital Mobile
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation
|
P4C188-15CC P4C188-15LC P4C188-12LC P4C188-25LC P4 |
Microprocessor 4.63V Reset Monitor, -40C to 125C, 3-SOT-23, T/R Microprocessor 4.38V Reset Monitor, -40C to 125C, 3-SOT-23, T/R Microprocessor 4.00V Reset Monitor, -40C to 125C, 3-SOT-23, T/R x4 SRAM x4的SRAM High Output DC/DC Converter, -55C to 125C, 8-CERDIP 300mil, TUBE x4的SRAM
|
Pyramid Semiconductor, Corp.
|
7703403UA 7703401YA 77034042A 7703404MA 7703404NA |
Negative Adjustable Voltage Regulator 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 15 HZ, 90DB REJECTION BTW 49 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R 15 HZ, 90DB REJECTION BTW 59 & 61 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, T/R 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-SOIC 150mil, TUBE 60 HZ, 120DB REJECTION AT 240 HZ (PRODUCT DIE), -40C to 125C, 8-MSOP, T/R Low-cost volatile, Digital Potentiometer, -40C to 125C, 8-SOIC 150mil, TUBE PRODUCT TO FREQUENCY CONVERTER WHICH IS USED TO POWER METERING APLICATIONS, -40C to 85C, 24-SSOP 208mil, TUBE 积极可调电压稳压 18 BIT DEL-SIG A/D CONVERTER, -40C to 125C, 6-SOT-23, T/R 积极可调电压稳压 Positive Adjustable Voltage Regulator 积极可调电压稳压 ENERGY METER IC, GAIN 1:16, 500:1 DYNAMIC RANGE, -40C to 85C, 24-SSOP 208mil, T/R 积极可调电压稳压
|
International Rectifier, Corp. TE Connectivity, Ltd. Kingbright, Corp. NIC Components, Corp.
|
OPB360L55 OPB360L11 OPB360L51 |
8K, 1K X 8 2.5V SERIAL EE, IND, -40C to 125C, 8-SOIC 150mil, T/R 8K, 1K X 8 2.5V SERIAL EE, -40C to 125C, 8-MSOP, T/R 8K, 1K X 8 2.5V SERIAL EE, -40C to 125C, 5-SOT-23, T/R
|
|
RIF-4-RPT-LDP-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket.
|
PHOENIX CONTACT
|
EKIN2-420DX |
410-430 MHz,I/Q demodulator E-Series I/Q Demodulator 410 - 430 MHz
|
MA-Com MACOM[Tyco Electronics] http://
|
RIF-2-RPT-LDP-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 PDTs. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
RIF-2-RSC-LDP-125DC |
Pre-assembled relay module with screw connection, consisting of: relay base, power contact relay, and retaining bracket. Contact type: 4 changeover contacts. Input voltage: 125 V DC
|
PHOENIX CONTACT
|
ES62UL256-45TC ES62UL256 ES62UL256-25SC ES62UL256- |
REED RELAY 32Kx8位超低功耗异步静态RAM Dry Reed Relay; Relay Terminals:Thru Hole 32Kx8位超低功耗异步静态RAM 32Kx8 Bit Ultra-Low Power Asynchronous Static RAM
|
Electronic Theatre Controls, Inc. NanoAmp Solutions, Inc. ETC[ETC]
|
FTR-H1AA012V FTR-H1CA012V FTR-H1AA024V FTR-H1CA024 |
POWER RELAY 1 POLE-10 A LOW PROFILE TYPE 1极功率继电器- 10型低 POWER RELAY 1 POLE-10 A LOW PROFILE TYPE POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.017A (COIL), 24VDC (COIL), 400mW (COIL), 10A (CONTACT), 30VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
|
Fujitsu Limited Fujitsu, Ltd.
|
|