PART |
Description |
Maker |
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
Q62705-K274 KPY33-RK |
Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Silicon Piezoresistive Relative Pressure Sensor
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
WF512K32N-90H1M5A WF512K32 WF512K32F-120G1UC5 WF51 |
REED RELAY, 4PST, HG WET, 12V, DIODE RoHS Compliant: No 512Kx32 5V FLASH MODULE, SMD 5962-94612 512Kx32 5V的闪存盘,贴962-94612 RES 3K-OHM 5% 0.75W 250PPM THK-FILM SMD-2010 TR-7-PA 512Kx32 5V的闪存盘,贴962-94612 Reed Relay; Contacts:SPST; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:DIP-14; Relay Mounting:PC Board; Contact Carrying Power:10W Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes Dry Reed Relay; Contacts:DPST-2NO; Contact Carry Current:1A; Coil Voltage DC Max:5V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes x32 Flash EEPROM Module 100ns; 5V power supply; 512K x 32 flash module, SMD 5962-94612
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers ETC[ETC] White Electronic Designs
|
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
AD9631AR-REEL AD9631AR-REEL7 AD9631CHIPS AD963103 |
Ultralow Distortion, Wide BandwidthVoltage Feedback Op Amps Ultralow Distortion, Wide Bandwidth Voltage Feedback Op Amps Ultralow Distortion, High Speed Op Amp, Stable at Gain of 1
|
AD[Analog Devices]
|
AD8045 AD8045ARDZ-REEL7 AD8045ACP-R2 AD8045ACP-REE |
3 nV/√Hz Ultralow Distortion Voltage Feedback High Speed Amplifier 3 nV/Hz Ultralow Distortion, High Speed Op Amp From old datasheet system 3 nV/√Hz Ultralow Distortion Voltage Feedback High Speed Amplifier
|
AD[Analog Devices] adi
|
GBJ30B GBJ30G |
Low forward voltage, high forward current
|
GeneSiC Semiconductor, ...
|
Q62703-Q3170 Q62703-Q3176 Q62703-Q3177 Q62703-Q355 |
Hyper 3 mm T1 LED Non Diffused Hyper-Bright LED Hyper 3 mm T1 LED/ Non Diffused Hyper-Bright LED FILTER CHIP 26 OHM 6A 0603 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes 50842042 Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, SUPER RED, 3 mm Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 3毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED 毫米T1的LED,不扩散超高亮LED Hyper 3 mm T1 LED, Non Diffused Hyper-Bright LED T-1 SINGLE COLOR LED, ORANGE, 3 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
SHD124134 SHD124134D SHD124134N SHD124134P |
HERMETIC POWER SCHOTTKY RECTIFIER Low Forward Voltage
|
Sensitron
|