PART |
Description |
Maker |
HSDL-5400031 HSDL-54001L1 |
High-Performance IR PIN Photodiode in Subminiature SMT Package, Z Bend, Tape & Reel PIN PHOTO DIODE High-Performance IR PIN Photodiode, Subminiature SMT Pack, Bulk, Thru-hole, Long Leads PIN PHOTO DIODE
|
Lite-On Technology, Corp.
|
ATF1500A ATF1500A-10AI ATF1500A-10JC ATF1500A-10JI |
High Performance E2 PLD FLASH PLD, 20 ns, PQCC44 High Performance E2 PLD FLASH PLD, 12 ns, PQCC44 High Performance E2 PLD FLASH PLD, 10 ns, PQCC44 Connector Cover; Enclosure Material:Thermoplastic; For Use With:Amphenol Tuchel Ecomate Male Receptacles RoHS Compliant: Yes Crimp Pin Contact; Series:44; Operating Temperature Range /-:-40 C to 125 C; Voltage Rating:205V RoHS Compliant: Yes
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
PIC18F4550-IP PIC18F2550TEPSQTP PIC18F4550TEPSQTP |
28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology 28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollerswith nanoWatt Technology 8-BIT, FLASH, 48 MHz, MICROCONTROLLER, PDIP40
|
Microchip Technology
|
1A354 |
High-Performance PIN
|
MITEL[Mitel Networks Corporation]
|
EL7155CS EL7155CS-T13 EL7155CN EL7155_06 EL7155 EL |
High Performance Pin Driver
|
INTERSIL[Intersil Corporation]
|
PIC18F24J10 PIC18F24J10-I_ML PIC18F24J10-I_MLQTP P |
28/40/44-Pin High-Performance, RISC Microcontrollers
|
Microchip Technology
|
PIC18F45J10T-L_SO |
28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
|
Microchip Technology
|
PIC18LF248-I_PQTP PIC18LF448-E_SP PIC18F258T-I_PTQ |
28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
|
Microchip Technology
|
PIC18F87K2211 |
64/80-Pin, High-Performance, 1-Mbit Enhanced Flash Microcontrollers
|
Microchip Technology
|
PIC18F44J10-E_ML PIC18F44J10-E_P PIC18F44J10-E_PT |
28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
|
MICROCHIP[Microchip Technology]
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|