PART |
Description |
Maker |
P0080ECMCL P2300ECMCL |
MicroCapacitance SIDACtor Device MicroCapacitance SIDACtor器件
|
Littelfuse, Inc.
|
P2103ACMC |
Balanced Three-chip MicroCapacitance (MC) SIDACtor Device
|
Littelfuse
|
P6002ACMC P0302AAMC P0602AAMC P0602ACMC P1402ACMC |
PV SERIES MS3476W16-26S Two-chip MicroCapacitance (MC) SIDACtor Device
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
BLM18SG331TN1D BLM18SG700TN1B |
Chip EMIFILr Inductor Type Chip Ferrite Beads BLM18S Series (0603 Size) 1 FUNCTIONS, 1.5 A, FERRITE CHIP 1 FUNCTIONS, 4 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
UPD78F9222 UPD78F9222MCR-5A4 UPD78F9222MCR-5A4-E1 |
20-pin 8-bit single-chip microcontroller 78K0S/KA1 30-pin 8-bit single-chip microcontroller(78K0/KB1 ) Flash memory version ROM: 32 KB, RAM: 1 KB 52-pin 8-bit single-chip microcontroller(78K0/KD1 ) 44-pin 8-bit single-chip microcontroller(78K0/KC1 ) 80-pin 8-bit single-chip microcontroller(78K0/KF1 ) 64-pin 8-bit single-chip microcontroller(78K0/KE1 ) 8-bit single-chip microcontroller for key-less transmitter
|
NEC
|
BK1005HS680 BK1608HS800 BK2125HS101 BK2125HS102 BK |
0.7 A, FERRITE CHIP ROHS COMPLIANT PACKAGE 0.6 A, FERRITE CHIP 0.9 A, FERRITE CHIP 0.3 A, FERRITE CHIP 1 FUNCTIONS, 0.2 A, FERRITE CHIP 1 FUNCTIONS, 0.15 A, FERRITE CHIP
|
Taiyo Yuden Co., Ltd. TAIYO YUDEN CO LTD
|
CR1206-8W-2150DT CR1206-8W-1R50DT CR1206-8W-120JT- |
RESISTOR, 0.125 W, 0.5 %, 50 ppm, 215 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 1.5 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 3.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 19.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 22.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 1500 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 85.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 10.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 505 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 24.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 15 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 105 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 365 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 60.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 60.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 50.5 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 115 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 150 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 255 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 305 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 12 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 15 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 15.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 68 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 68 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 68.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 7.68 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 6.73 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 73.2 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 1.3 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 1000000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 102 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 10200 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 102000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 13 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 1.13 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 3.01 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 3.01 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.063 W, 1 %, 100 ppm, 590000 ohm, SURFACE MOUNT, 0603 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 5 %, 200 ppm, 1.8 ohm, SURFACE MOUNT, 0805 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 68.1 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 1020 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 2 %, 200 ppm, 1.6 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 145 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15000000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 0.5 %, 50 ppm, 15.4 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 100 ppm, 100000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT RESISTOR, 0.125 W, 1 %, 200 ppm, 1020000 ohm, SURFACE MOUNT, 1206 CHIP, ROHS COMPLIANT
|
Venkel, Ltd.
|
SLE4466 SPI_SLE4466_0799 |
Security and Chip Card ICs Intelligent 512Bit Memory Chip From old datasheet system Securiy & Chip Card ICs
|
INFINEON[Infineon Technologies AG]
|
|