PART |
Description |
Maker |
MIC2230-GFHYML MIC2230-GSYML MIC2230-SSYML MIC2230 |
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator 1.8 A SWITCHING REGULATOR, 2875 kHz SWITCHING FREQ-MAX, PDSO12 Dual Synchronous DC/DC Regulator
|
Micrel Semiconductor MICREL INC
|
LTC3417AIFE-2-PBF LTC3417AIFE-2-TRPBF LTC3417AEDHC |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20 Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LTC3548EDD-PBF LTC3548EDD-TRPBF LTC3548IDD-PBF LTC |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|
SP6654 SP6654ER SP6654EU SP6654EU_TR SP6654ER_TR S |
High Efficiency 800mA Synchronous Buck Regulator w/power good High Efficiency 800mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery 高效00mA的同步降压稳压器的理想与锂离子电池供电的便携式设
|
SIPEX[Sipex Corporation] Exar, Corp.
|
LTC3548-1 LTC3548EDD-1-PBF LTC3548EDD-1-TRPBF LTC3 |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|
ISL8088 ISL8088IRZ ISL8088IRZ-T |
Dual 800mA Low Quiescent Current 2.25MHz High Efficiency Synchronous Buck Regulator
|
Intersil Corporation
|
LTC3417AEDHCPBF LTC3417AEFEPBF LTC3417AEFETRPBF |
Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 16; Temperature Range: -40°C to 125°C 2.5 A DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO16 Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C 2.5 A DUAL SWITCHING CONTROLLER, 4000 kHz SWITCHING FREQ-MAX, PDSO20
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3538 |
800mA Synchronous Buck-Boost DC/DC Converter
|
Linear Technology Corporation
|
UC3656G-AF5-R UC3656L-AF5-R |
1MHz, 800mA SYNCHRONOUS BUCK CONTROLLER
|
Unisonic Technologies
|
ACE721A |
1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
|
ACE Technology Co., LTD.
|