PART |
Description |
Maker |
ISL6614 ISL6614CB ISL6614CB-T ISL6614CBZ ISL6614CB |
256 x 1 x 2 dual independent synchronous FIFO memories 24-SOIC -40 to 85 3 A 2 CHANNEL, HALF BRDG BASED MOSFET DRIVER, PQCC16 Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Protection Features
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
ADP1876-EVALZ ADP1876 |
600kHz Dual Output Synchronous Buck PWM Controller Plus Linear Regulator 600 kHz Dual Output Synchronous Buck
|
Analog Devices
|
MCM69D618 MCM69D618TQ6 MCM69D618TQ6R MCM69D618TQ8 |
64K x 18 Bit Synchronous Dual I/O, Dual Address SRAM From old datasheet system
|
Motorola, Inc.
|
SC2447TSTRT SC2447EVB |
Dual-Phase, Single or Dual Output Synchronous Step-Down Controller
|
Semtech Corporation
|
MCM63D736A |
MCM63D736A 128K x 36 Bit Synchronous Dual I/O, Dual Address SRAM From old datasheet system
|
Motorola
|
IDT70T3319S133BF IDT70T3319S133BC IDT70T3319S133DD |
JFET-Input Operational Amplifier 8-SOIC 0 to 70 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 18 DUAL-PORT SRAM, 12 ns, PQFP144 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 128K X 18 DUAL-PORT SRAM, 15 ns, PQFP144 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高.5V12/256/128K X 18 SYNCHRONOU S双,端口静态与3.3V.5V的内存界 JFET-Input Operational Amplifier 8-TSSOP 0 to 70 512K X 18 DUAL-PORT SRAM, 15 ns, PQFP144 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 12 ns, PQFP144 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 15 ns, PQFP144 JFET-Input Operational Amplifier 8-SO 0 to 70 256K X 18 DUAL-PORT SRAM, 12 ns, PBGA208 HIGH-SPEED 2.5V 512/256/128K X 18 SYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 256K X 18 DUAL-PORT SRAM, 10 ns, PBGA208
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IDT70V3389S6PRFI IDT70V3389S IDT70V3389S4BC IDT70V |
From old datasheet system HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 18 DUAL-PORT SRAM, 6 ns, PBGA256 HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 18 DUAL-PORT SRAM, 6 ns, PQFP128 HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 64K X 18 DUAL-PORT SRAM, 6 ns, PBGA208
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
SC1164 SC1164CSW SC1165CSW SC1165 |
PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER/ DUAL LOW DROPOUT REGULATOR CONTROLLER PROGRAMMABLE SYNCHRONOUS DC/DC CONVERTER, DUAL LOW DROPOUT REGULATOR CONTROLLER IC,SMPS CONTROLLER,VOLTAGE-MODE,BIPOLAR,SOP,24PIN,PLASTIC
|
SEMTECH[Semtech Corporation]
|
IDT70V7519S IDT70V7519S166DR IDT70V7519S200BF |
HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 256K X 36 DUAL-PORT SRAM, 12 ns, PQFP208 HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE 高速与3.3V 3.3V56K × 36 SYNCHRONOU开户银行可切换双端口静态RAM.5V的接
|
Integrated Device Technology, Inc.
|
MIC2238-GSYML MIC2238-521YML MIC2238-AAYML MIC2238 |
2.5MHz Dual Phase PWM Buck Regulator Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator 1.8 A DUAL SWITCHING CONTROLLER, 2875 kHz SWITCHING FREQ-MAX, PDSO12
|
Micrel Semiconductor, Inc.
|