PART |
Description |
Maker |
MLT2BTTE101J3600 |
linear positive tempco melf resistor
|
KOA Speer Electronics, ...
|
LA731J LA731JTTD101J330 LA732BTTD101J330 LA732ATTD |
thick film linear positive tempco thermistor
|
KOA Speer Electronics, Inc.
|
AZ78L08HTR-E1 AZ78L08MTR-E1 78L08M-E1 AZ78L08M-E1 |
3-TERMINAL POSITIVE LINEAR REGULATOR 8 V FIXED POSITIVE REGULATOR, PDSO3 3-TERMINAL POSITIVE LINEAR REGULATOR 8 V FIXED POSITIVE REGULATOR, PDSO8 3-TERMINAL POSITIVE LINEAR REGULATOR 三端阳性线性稳压器 3-TERMINAL POSITIVE LINEAR REGULATOR 5 V FIXED POSITIVE REGULATOR, BCY3
|
BCD Semiconductor Manufacturing, Ltd.
|
AZ2940T-5.0TR AZ2940D-5.0TRE1 AZ2940S-5.0TRE1 AZ29 |
10/PG/OP/LL/SLT/MTG FLNG 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO3 1A ULTRA LOW DROPOUT LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2 1A ULTRA LOW DROPOUT LINEAR REGULATOR 1A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR A超低差线性稳压器 1A ULTRA LOW DROPOUT LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.55 V DROPOUT, PSSO2
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd. BCD SEMICONDUCTOR MANUFACTURING LTD
|
OMR9601 OMR9601SCH OMR9601SCK OMR9601SFH OMR9601SF |
1 M Rad (Si), ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR 1个M拉德(硅),低压差线性稳压器的正 From old datasheet system 1 M Rad (Si) ULTRA LOW DROPOUT POSITIVE LINEAR REGULATOR
|
List of Unclassifed Man... JAE Electronics, Inc. ETC[ETC] List of Unclassifed Manufacturers Omnirel
|
NCP565D2T33G NCP565ST12T3G NCP565D2T12G NCP565D2T3 |
1.5 A Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 0.9 V-7.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|
OM7581SC |
Hi-Rel Adjustable 1.8V-5.5V 10.0A Linear Regulator in a C-6 Package Ultra Low Dropout, 10A Adjustable Positive Linear Regulator Thru-Hole (C6)
|
IRF[International Rectifier]
|
SG140-15T SG140-08T |
Positive Fixed Linear Voltage Regulators; Package: TO-39; VIN (V): 35; VDIFF (V): 35; IOUT (A): 0.5; VOUT (V): 15; 15 V FIXED POSITIVE REGULATOR, MBCY3 Positive Fixed Linear Voltage Regulators; Package: TO-39; VIN (V): 35; VDIFF (V): 35; IOUT (A): 0.5; VOUT (V): 8; 8 V FIXED POSITIVE REGULATOR, MBCY3
|
Microsemi, Corp.
|
OM7581SM |
Hi-Rel Adjustable 1.8V-5.5V 10.0A Linear Regulator in a SMD-C6 Package Ultra Low Dropout, 10A Adjustable Positive Linear Regulator Surface Mount (SMD-6C)
|
International Rectifier
|
AN7815NSP AN7812NSP |
General-Purpose Linear IC - Voltage Regulater - 3-Pin Regulator 3-pin positive output voltage regulatorA type 12 V FIXED POSITIVE REGULATOR, PSSO2
|
Rohm Co., Ltd.
|
AME78LXXXJAT AME78L05AJAT AME78L05AJATZ AME78L05AJ |
100mA Positive Linear Regulator
|
AME[Analog Microelectronics]
|