PART |
Description |
Maker |
DBF12025S12HA DBF12025G24LA DBF12025G24LS DBF12025 |
DC COOLING FAN 120x120x25mm
|
Dubilier
|
DBF12038S12HA DBF12038G24LA DBF12038G24LS DBF12038 |
DC COOLING FAN 120x120x38mm
|
Dubilier
|
DBF17250S115HT DBF17250S115HW DBF17250S115MT DBF17 |
AC COOLING FAN 172x150x50mm
|
Dubilier
|
PT2129A PT2129A-S84S PT2129A-S84D PT2129A-S21S PT2 |
FAN MALTESE 115VAC MA2B3 W/O FG Remote Fan Controller IC 遥控风扇控制IC FAN 48 DC SPRITE SD48B2 遥控风扇控制IC FAN MALTESE 12VDC MT12B3 遥控风扇控制IC
|
PTC[Princeton Technology Corp] Princeton Technology Corporation Princeton Technology, Corp.
|
TC642BEPA713 TC647BEPA713 TC642BEPATR TC647BEOA713 |
PWM Fan Speed Controllers With Minimum Fan Speed, Fan Restart and FanSense Technology for Fault Detection
|
Microchip Technology
|
TC664 TC664EUN TC665 TC665EUN |
The TC665 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan The TC664 is a single PWM mode fan speed controller with FanSense TM technology for use with brush-less DC motors. The device allows temperature proportional speed control and therefore accomplishes lower acoustic fan noise and longer fan SMBus PWM Fan Speed Controllers With Fan Fault Detection SMBus⑩ PWM Fan Speed Controllers With Fan Fault Detection
|
MICROCHIP[Microchip Technology]
|
SC2128A-D80S SC2128A-D82S SC2128A-D81B SC2128A-D81 |
Remote fan control IC for electronic fan application
|
Silan Semiconductors
|
TC642 TC642DEMO TC642EV TC642COA TC642VOA TC642VUA |
The TC642 is a switch mode fan speed controller for use with brushless DC motors. Temperature proportional speed control is accomplished using pulse width modulation. A thermistor (or other voltage output temperature sensor) connected to t PWM Fan Speed Controller with FanSense Technology PWM Fan Speed Controller with FanSense⑩ Technology
|
MICROCHIP[Microchip Technology]
|
299-91-608-10-002 299-93-608-10-002 299-93-306-11- |
FAN 24VDC MUFFIN MC24K3 双列直插式插直角版本封闭框架焊尾 Proximity Sensor; Sensor Input Type:Inductive; Sensing Range Max:10mm; Sensor Output Type:NPN Transistor; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Sensing Face Diameter:12mm; Sensor Housing:Barrel 双列直插式插直角版本封闭框架焊尾 FAN FALCON 115VAC FA2B3 W/O FG 双列直插式插直角版本封闭框架焊尾 FAN FALCON 220VAC FA77B3 W/O FG 双列直插式插直角版本封闭框架焊尾 Dual-in-line sockets / right angle version Closed frame Solder tail 双列直插式插直角版本封闭框架焊尾 Axial Fan; Current Type:DC; Supply Voltage:12VDC; Series:Galaxy; External Height:127mm; External Width:127mm; External Depth:38mm; Fan Flow Rate:150CFM; Noise Rating:53.6dBA; Bearing Style:Ball; Depth:38mm; Height:127mm; RoHS Compliant: Yes FAN DIP 220VAC DAF77B3 W/O FG
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
ADM1031 ADM1031ARQ |
Complete, ACPI Compliant, Dual Channel C Remote Thermal Monitor with Integrated Fan Controller for two Independent Fans, Pin Compatible with the ADM1030 Intelligent Temperature Monitor and Dual PWM Fan Controller
|
AD[Analog Devices]
|