PART |
Description |
Maker |
89LV1632RPQK-30 |
16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM 512K X 32 MULTI DEVICE SRAM MODULE, 30 ns, CQFP68 16 Megabit (512K x 32-Bit) Low Voltage MCM SRAM 16兆位12k × 32的位)低压亿立方米的SRAM
|
Maxwell Technologies, Inc
|
S29CD016G0MFFA202 S29CD016G0MFAA212 S29CD016G0JFAI |
32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位12k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 32兆位米32位)6兆位512k × 32的位),2.5伏,只有突发模式,双启动,同步读/写闪存与VersatileI内存/输出 32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80
|
Spansion Inc. Spansion, Inc.
|
AT49F8011-70CI AT49F8011-90CI AT49F8011T-90CC AT49 |
ATS-SSK 0525/110 Quadruple 2-Input Positive-NAND Gate 14-SO -40 to 85 Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 125 Quadruple 2-Input Positive-NAND Gate 14-TSSOP -40 to 125 8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PBGA48 8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory 512K X 16 FLASH 5V PROM, 90 ns, PDSO48
|
Atmel Corp. Atmel, Corp.
|
AT49BV802A AT49BV802AT-70TI AT49BV802AT-70CI AT49B |
8M bit, 2.7-Volt, Sectored Flash, Single Plane, Top or Bottom Boot. 8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
|
ATMEL[ATMEL Corporation]
|
AM29F800BT-90WBC AM29F800BT-55WBI AM29F800BB-55WBE |
and flexible way to implement power solutions for the latest high performance CPUs and ASICs.; Same as IR3087 with bag packaging 30V Single N-Channel HEXFET Power MOSFET in a I-Pak package; Similar to IRFU3709Z with Lead Free Packaging 40V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7470 with Lead Free Packaging Complete VR11.0 or AMD PVID power solution.; A IR3505M packaged on tape and reel 3000 per reel 8 PWM 400 KHz Sync Contr in a 8-Pin SOIC(NB) package; A IRU3037ACS with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRLZ44NS with Lead Free Packaging The XPHASE Control IC combined with an IR XPhase TM Phase IC provides a full featured and flexible way to implement a complete an Opteron or Athlon 64 power solution.; A IR3082M with Tape and Reel Packaging 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRLL024Z with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; A IRLL2705 with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-262 Package; Similar to IRF2807ZL with Lead Free Packaging 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3805S with Lead Free Packaging x8/x16 Flash EEPROM x8/x16闪存EEPROM XPHASE VRD10 Control IC with VccVid and Overtemp Detect; Similar to IR3080M with Lead Free Packaging on Tape and Reel x8/x16闪存EEPROM XPHASE IC with Fault and Overtemp Detect; Same as the IR3088AM with Tape and Reel Packaging. x8/x16闪存EEPROM 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 70 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 70 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 150 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 512K X 16 FLASH 5V PROM, 150 ns, PDSO44
|
Linear Technology, Corp. ATM Electronic, Corp. Integrated Device Technology, Inc. Advanced Micro Devices, Inc.
|
AM29F040 AM29F040-120EI AM29F040-120FC AM29F040-12 |
4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 512K X 8 FLASH 5V PROM, 120 ns, PDIP32 4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 512K X 8 FLASH 5V PROM, 150 ns, PDSO32 4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory 512K X 8 FLASH 5V PROM, 120 ns, PQCC32 512K X 8 FLASH 5V PROM, 90 ns, PQCC32
|
Advanced Micro Devices, Inc. SPANSION LLC
|
AT49BV008A-12TI |
8-megabit (1M x 8/512K x 6) Flash memory
|
ATMEL Corporation
|
97314 |
4-Megabit (512K x 8) otp eprom
|
ATMEL Corporation
|
32C408BRPFS-30 32C408B 32C408BRPFB-20 32C408BRPFB- |
4 Megabit (512K x 8-Bit) SRAM 4-megabit (512K x 8-bit) SRAM
|
MAXWELL[Maxwell Technologies]
|
79C0408RT4FH12 79C0408RT4FH15 79C0408RT4FH20 79C04 |
4 megabit (512k x 8-bit) EEPROM MCM
|
Maxwell Technologies
|
79C2040RPFK-20 79C2040 79C2040RPFE-15 79C2040RPFE- |
20 Megabit (512K x 40-Bit) EEPROM MCM
|
MAXWELL[Maxwell Technologies]
|
PDM31096 |
4 Megabit 3.3V Static RAM 512K x 8-Bit
|
ETC
|