PART |
Description |
Maker |
RLXF622-221K |
REDIAL LEADED INDUCTOR
|
XFMRS Inc.
|
GM6390 |
TONE/PULSE SWITCHABLE DIALER WITH REDIAL
|
LG Corp. Gamma Microelectronics Inc. LG Semicon Co.,Ltd.
|
W91630 W91633 W91631 |
10-MEMORY TONE/PULSE DIALER WITH REDIAL FUNCTION
|
Winbond Electronics Corp
|
W91610 W91611 |
TONE/PULSE DIALER WITH TWO-STAGE REDIAL FUNCTION
|
Winbond Electronics Corp
|
RN5RK1A RN5RK301A RN5RK301A-TL RN5RK301A-TR RN5RK3 |
VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Standard taping type TR VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Standard taping type TR VFM Set-up DC/DC Converter SOT-23-5 VFM STEP-UP DC/DC CONVERTER VFM step-up DC/DC converter. Output voltage 3.3V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. Internal Lx Tr. driver. Duty cycle 55%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.1V. EXternal Tr. driver. Duty cycle 77%. Taping type TL VFM step-up DC/DC converter. Output voltage 3.2V. Internal Lx Tr. driver. Duty cycle 77%. Taping type TL
|
RICOH[RICOH electronics devices division]
|
TDFN10-3X3 |
Package, Reel, Taping
|
ELM Technology Corporat...
|
BM03B-ZESS-TBTLFSN |
ZE CONNECTOR EMBOSSED-TAPING
|
Lightel Technologies INC.
|
EM91865B EM91865 EM91865A |
13 MEMORY TONE/PULSE DIALER WITH HF/ HD/ REDIAL AND VOLUME CONTROL FUNCTION 13 MEMORY TONE/PULSE DIALER WITH HF, HD, REDIAL AND VOLUME CONTROL FUNCTION
|
EMC[ELAN Microelectronics Corp]
|
4-179396-0 3-179396-0 2-179396-4 1-179396-4 5-1793 |
ON TAPING EMBOSS PLUG ASSEMBLY
|
Tyco Electronics
|
GRM1882C1H101JA01D GRM1882C1H101JA01J |
φ180, 330mm Paper taping
|
Murata Manufacturing Co., Ltd.
|
GRM32ER61C226ME20L GRM32ER61C226ME20K |
φ180, 330mm Embossed taping
|
Murata Manufacturing Co., Ltd.
|