PART |
Description |
Maker |
A3P1000-PQG208I A3P030-1CS100ES A3P030-1CS100PP A3 |
ProASIC3 Flash Family FPGAs with Optional Soft ARM Support 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
|
Microsemi Corporation
|
TMCM-351 TMCM-351-E |
3-Axis Controller/Driver 2.8A/24V Optional Encoder Interface Optional CANopen Firmware
|
TRINAMIC Motion Control GmbH & Co. KG.
|
XOSM-52 |
1.0 MHz to 100 MHz, HCMOS/TTL Compatible, Enabled Output Optional, Industrial Temperature Optional
|
Vishay
|
CYV15G0403DXB CYP15G0403DXB-BGC CYV15G0403DXB-BGI |
Physical Layer Devices : Video (SMPTE) PHYs Physical Layer Devices : Multi-Protocol PHYs Independent clock quad HOTLink II transceiver. Speed standard.
|
Cypress
|
PSD501B1-12U PSD502B1-12U PSD513B1-12U PSD511B1-12 |
30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package; Similar to IRHF57Z30 with optional Total Dose Rating of 500kRads 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-204AE package; Similar to IRH7250 with optional Total Dose Rating of 1000kRads 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-204AE package; Similar to IRH7054 with optional Total Dose Rating of 300kRads 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; Similar to IRHM7160 with optional Total Dose Rating of 1000kRads 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package; JANS Certified version of the IRHF57034 with optional Total Dose Rating of 500kRads 600V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-1 package; Similar to IRHN7C50SE with optional Total Dose Rating of 50kRads 200V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; A IRHNA57260 with Standard Packaging 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-0.5 package; Similar to IRHNJ7130 with optional Total Dose Rating of 1000kRads 250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-0.5 package; A IRHNJ57234SE with Standard Packaging 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a UB Surface Mount package; A IRHLUB770Z4 with Standard Packaging and Total Dose of 100K Rads (Si) 200V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-2 package; JANS Certified device. Equivalent to IR Part Number IRHNA57260SE 200V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-204AE package; A IRH7250SE with Standard Packaging -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package; Similar to IRHM9150 with optional Total Dose Rating of 300kRads -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA9160 with optional Total Dose Rating of 300kRads 现场可编程外 -200V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-204AE package; A IRH9250 with Standard Packaging 现场可编程外 -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-257AA package; A JANSR2N7382 with Standard Packaging 现场可编程外 -60V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package; A JANSR2N7424 with Standard Packaging 现场可编程外 -100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a SMD-0.5 package; Similar to IRHNJ597130 with optional Total Dose Rating of 300kRads 现场可编程外 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-254AA package; Similar to IRHM7130 with optional Total Dose Rating of 300kRads 现场可编程外 Field-Programmable Peripheral 现场可编程外 60V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a TO-205AF package; Similar to IRHF57034 with optional Total Dose Rating of 1000kRads 现场可编程外 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; Similar to IRHNA7Z60 with optional Total Dose Rating of 500kRads 现场可编程外
|
Fluke, Corp. 飞思卡尔半导体(中国)有限公司 Alliance Semiconductor, Corp. Atmel, Corp. Bourns, Inc.
|
22-14-2024 0022142024 A-4455-BH02D |
2.54mm (.100) Pitch KK? PC Board Connector, Bottom Entry, 2.54μm (100μ) Tin (Sn), 2 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Bottom Entry, 2.54渭m (100渭) Tin (Sn), 2 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Bottom Entry, 2.54楼矛m (100楼矛) Tin (Sn), 2 Circuits
|
Molex Electronics Ltd.
|
22-14-2214 0022142214 A-4455-BH21D |
2.54mm (.100) Pitch KK? PC Board Connector, Bottom Entry, 2.54μm (100μ) Tin (Sn), 21 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Bottom Entry, 2.54渭m (100渭) Tin (Sn), 21 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Bottom Entry, 2.54楼矛m (100楼矛) Tin (Sn), 21 Circuits
|
Molex Electronics Ltd.
|
22-17-2027 0022172027 A-4455-BH02J |
2.54mm (.100) Pitch KK? PC Board Connector, Bottom Entry, 0.80μm (30μ) Gold (Au), 2 Circuits 2.54mm (.100) Pitch KK庐 PC Board Connector, Bottom Entry, 0.80渭m (30渭) Gold (Au), 2 Circuits 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Bottom Entry, 0.80楼矛m (30楼矛) Gold (Au), 2 Circuits
|
Molex Electronics Ltd.
|
TL7232 TL7232MD S5L9275 |
FULL LAYER-III ISO/IEC 11172-3 AUDIO CODEC Full Layer-III ISO/IEC 11172-3 Audio Decoder Data Sheet FULL LAYER- ISO/IEC 11172-3 AUDIO DECODER FULL LAYER-ゲ ISO/IEC 11172-3 AUDIO DECODER
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
PA-5R0V474 PB-5R0H474-R PA-5R0V224 PA-5R0V224-R |
CAPACITOR .47F 5V RAD AEROGEL CAPACITOR, ELECTRIC DOUBLE LAYER, 5 V, 470000 uF, THROUGH HOLE MOUNT CAPACITOR, ELECTRIC DOUBLE LAYER, 5 V, 470000 uF, THROUGH HOLE MOUNT RADIAL LEADED CAPACITOR, ELECTRIC DOUBLE LAYER, 5 V, 220000 uF, THROUGH HOLE MOUNT RADIAL LEADED
|
Cooper Bussmann, Inc. HIROSE ELECTRIC Co., Ltd.
|
CI201210-6N8J CI201210-5N6D CI201210-4N7D CI201210 |
Multi-Layer Chip Inductors 1 ELEMENT, 0.12 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.068 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0015 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0082 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.0047 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.39 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.18 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD Multi-Layer Chip Inductors 1 ELEMENT, 0.018 uH, CERAMIC-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
Bourns Inc. Bourns, Inc.
|
22-14-2204 0022142204 A-4455-BH20D |
2.54mm (.100) Pitch KK? PC Board Connector, Bottom Entry, 2.54μm (100μ 2.54mm (.100) Pitch KK垄莽 PC Board Connector, Bottom Entry, 2.54楼矛m (100楼矛
|
Molex Electronics Ltd.
|
|